Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC40181B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCC40181B
Description  4-BIT ARITHMETIC LOGIC UNIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC40181B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCC40181B Datasheet HTML 2Page - STMicroelectronics HCC40181B Datasheet HTML 3Page - STMicroelectronics HCC40181B Datasheet HTML 4Page - STMicroelectronics HCC40181B Datasheet HTML 5Page - STMicroelectronics HCC40181B Datasheet HTML 6Page - STMicroelectronics HCC40181B Datasheet HTML 7Page - STMicroelectronics HCC40181B Datasheet HTML 8Page - STMicroelectronics HCC40181B Datasheet HTML 9Page - STMicroelectronics HCC40181B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Table 3 : AC Test Setup Reference (active-low data).
AC Paths
D C Data Inputs
Test
Delay Times
Inputs
Outputs
to VSS
to V DD
Mo de*
SUM IN to SUMOUT
BO
Any F
B1, B2, B3,
M, Cn
All A’s
ADD
SUM IN to P
AO
P
A1, A2, A3,
M, Cn
All B’s
ADD
SUM IN to G
BO
G
All A’s
M, Cn
B1, B2, B3
ADD
SUM IN to Cn+ 4
BO
Cn+4
All A’s,
M, Cn
B1, B2, B3
ADD
C n to SUMOUT
Cn
Any F
All A’s,
M
All B’s
ADD
C n to C n+ 4
Cn
Cn+ 4
All A’s,
M
All B’s
ADD
SUM IN to A = B
BO
A = B
All A’s
B1, B2, B3,
M
Cn
SUBTRACT
SUM IN to SUMOUT
(logic mode)
All B’s
Any F
All A’s,
Cn
M
EXCLUSIVE
OR
* ADD Mode : S0, S3 = VDD ;S1, S2 = VSS. SUBTRACT Mode : S0, S3 = VSS ; S1, S2 = VDD.
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall time = 20ns)
Test Conditions
Val ue
Symbol
Parameter
V DD (V) Min.
Typ.
Max.
Unit
t PLH,
t PHL
Propagation Delay Time
A or B to F (logic mode)
A orBto G orP
5400
800
ns
10
160
320
15
120
240
Aor B to F,
C n+ 4 ,or A = B
5
300
1000
ns
10
200
400
15
140
280
C n to F
5
320
640
ns
10
135
270
15
100
200
C n to C n+ 4
5200
400
ns
10
100
200
15
70
140
t TLH,
t THL
Transition Time
5
100
200
ns
10
50
100
15
40
80
HCC/HCF40181B
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com