Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPL12005 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPL12005
Description  20V, 5A/6A Fully Integrated Synchronous Buck Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12005 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPL12005 Datasheet HTML 11Page - Analog Devices ADPL12005 Datasheet HTML 12Page - Analog Devices ADPL12005 Datasheet HTML 13Page - Analog Devices ADPL12005 Datasheet HTML 14Page - Analog Devices ADPL12005 Datasheet HTML 15Page - Analog Devices ADPL12005 Datasheet HTML 16Page - Analog Devices ADPL12005 Datasheet HTML 17Page - Analog Devices ADPL12005 Datasheet HTML 18Page - Analog Devices ADPL12005 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
ADPL12005/ADPL12006
20V, 5A/6A Fully Integrated Synchronous Buck
Converters
www.analog.com
Analog Devices | 15
Table 2. Configurations for Low-IQ Operation
CONTROLLER
TARGET
MODE
EN = High, SYNC = BIAS
EN = High
FPWM (high IQ)
EN = High, SYNC = Low
EN = High
Skip mode (low IQ)
EN = High, SYNC = Low
EN = Low
Standby mode (ultra-low IQ)
EN = Low
EN = High
Not allowed
Setting Output Voltage
For setting the output voltage to a value, connect a resistor-divider between OUT, FB, and GND as shown in Figure 1.
An identical but separate resistor-divider for controller and target is recommended.
PCB Layout Guidelines
Careful Printed circuit board (PCB) layout is critical to achieve low switching losses and clean, stable operation. Use a
multilayer board whenever possible for better noise immunity and power dissipation. See Figure 3 and the following
guidelines for a good PCB layout:
1) Use the correct footprint for the IC and place as many copper planes as possible under the IC footprint to ensure
efficient heat transfer.
2) Place the ceramic input-bypass capacitors, CBP and CIN, as close as possible to the SUP and PGND pins on both
sides of the IC. Use low-impedance connections (no vias or other discontinuities) between the capacitors and IC pins.
CBP should be located closest to the IC and should have very good high-frequency performance (small package size
and high capacitance). This will provide the best EMI rejection and minimize internal noise on the device, which can
degrade performance.
3) Place the inductor (L), output capacitors (COUT), bootstrap capacitor (CBST), and BIAS capacitor (CBIAS) in such a
way as to minimize the area enclosed by the current loops. Place the inductor (L) as close as possible to the IC LX
pin and minimize the area of the LX node. Place the output capacitors (COUT) near the inductor so that the ground
side of COUT is near the CIN ground connection to minimize the current-loop area. Place the BIAS capacitor (CBIAS)
next to the BIAS pin.
4) Place the bootstrap capacitor CBST close to the IC and use short, wide traces to minimize the loop area to minimize
the parasitic inductance. Use the nearest layer for return trace (CBST to LX) to minimize the inductance further. High
parasitic inductance can impact switching speed (increase switching losses) and cause high dv/dt noise.
5) Use a continuous copper GND plane on the layer next to the IC to shield the entire circuit. GND should also be poured
around the entire circuit on the top side. Ensure that all heat-dissipating components have adequate connections to
copper for cooling. Use multiple vias to interconnect GND planes/areas for low impedance and maximum heat
dissipation. Place vias at the GND terminals of the IC and input/output/ bypass capacitors. Do not separate or isolate
PGND and GND connections with separate planes or areas.
6) Place the feedback resistor-divider (if used) near the IC and route the feedback and OUT connections away from the
inductor, LX node and other noisy signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com