Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2231PSF Datasheet(PDF) 6 Page - Globaltech Semiconductor Co.,Ltd

Part # GS2231PSF
Description  Dual Input 3A Ultra Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS2231PSF Datasheet(HTML) 6 Page - Globaltech Semiconductor Co.,Ltd

  GS2231PSF Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS2231PSF Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS2231PSF Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS2231PSF Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS2231PSF Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS2231PSF Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS2231PSF Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS2231PSF Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.gs-power.com
Application Information
The GS2231 is a high performance linear regulator
specifically designed to deliver up to 3A output current
with very low input voltage and ultra low dropout voltage.
With dual-supply configuration. The GS2231 operates
with a wide input voltage VIN range from 1.2V to 5.5V
Power-On-Reset
A Power-On-Reset (POR) circuit monitors both of supply
voltages on VCNTL and VIN pins to prevent wrong logic
controls. The POR function initiates a soft-start process
after both of the supply voltages exceed their rising POR
voltage thresholds during powering on. The POR function
also pulls low the PGOOD voltage regardless of the
output status when one of the supply voltages falls below
its falling POR voltage threshold.
Soft-Start
An internal soft-start function controls rise rate of the
output voltage to limit the current surge during start-up.
The typical soft-start interval is about 0.6ms.
Current-Limit Protection
The GS2231 monitors the current flowing through the
output NMOS and limits the maximum current to prevent
load and GS2231 from damages during current overload
conditions.
Short Circuit Current-limit Protection
The short current-limit function reduces the current-limit
level down to 0.8A (typical) when the voltage on FB pin
falls below 0.2V (typical) during current overload or short
circuit conditions.
The short current-limit function is disabled for successful
start-up during soft-start.
Thermal Shutdown
A thermal shutdown circuit limits the junction temperature
of GS2231. When the junction temperature exceeds
+170ºC, a thermal sensor turns off the output NMOS,
allowing the device to cool down. The regulator regulates
the output again through initiation of a new soft-start
process after the junction temperature cools by 50ºC,
resulting in a pulsed output during continuous thermal
overload conditions. The thermal shutdown is designed
with a 50ºC hysteresis to lower the average junction
temperature
during
continuous
thermal
overload
conditions, extending lifetime of the device.
For normal operation, the device power dissipation
should be externally limited so that junction temperatures
will not exceed +125ºC.
Enable Control
A logic low signal applied to this pin shuts down the
output. Following a shutdown, a logic high signal
re-enables the output through initiation of a new soft-start
cycle. When left open, this pin is pulled up by an internal
current source (5uA typical) to turn off operation.
Power Sequencing
The power sequencing of VIN and VCNTL is not necessary
to be concerned. However, do not apply a voltage to VOUT
for a long time when the main voltage applied at VIN is not
present. The reason is the internal parasitic diode from
VOUT to VIN conducts and dissipates power without
protections due to the forward-voltage.
Output Voltage Regulation
An error amplifier working with a temperature
compensated 0.8V reference and an output NMOS
regulates output to the preset voltage. The error
amplifier is designed with high bandwidth and DC gain
provides very fast transient response and less load
regulation.
Power-OK and Delay
The GS2231 indicates the status of the output voltage
by monitoring the feedback voltage (VFB) on FB pin. As
the VFB rises and reaches the rising Power-OK voltage
threshold (VTH_POK), an internal delay function starts to
work. At the end of the delay time, the IC turns off the
internal NMOS of the POK to indicate the output is ok.
As the VFB falls and reaches the falling Power-OK
voltage threshold, the IC turns on the NMOS of the
POK (after a de bounce time of 10ms typical).
Output Capacitor
The GS2231 requires a proper output capacitor to
maintain stability and improve transient response. The
output capacitor selection is dependent upon ESR
(equivalent series resistance) and capacitance of the
output capacitor over the operating temperature.
Ultra-low-ESR capacitors (such as ceramic chip
capacitors) and low-ESR bulk capacitors (such as solid
tantalum,
POSCap,
and
Aluminum
electrolytic
capacitors) can all be used as output capacitors.
During load transients, the output capacitors which is
depending on the stepping amplitude and slew rate of
load current, are used to reduce the slew rate of the
current seen by the GS2231 and help the device to
minimize the variations of output voltage for good
transient response. For the applications with large
stepping load current, the low-ESR bulk capacitors are
normally recommended.
Decoupling ceramic capacitors must be placed at the
load and ground pins as close as possible and the
impedance of the layout must be minimized.
Input Capacitor
Ultra-low-ESR capacitors (such as ceramic chip
capacitors) and low-ESR bulk capacitors (such as solid
tantalum,
POSCap,
and
Aluminum
electrolytic
capacitors) can all be used as input capacitor. For
most
applications,
the
recommended
input
capacitance is at least 10µF.
More capacitance reduces the variations of the supply
voltage on the VIN pin.
Setting Output Voltage
The output voltage is programmed by the resistor
divider connected to the FB pin. The preset output
voltage is calculated by the following equation :
Where R1 is the resistor connected from VOUT to FB
with Kelvin sensing connection and R2 is the resistor
connected from FB to GND. A bypass capacitor (C1)
may be connected in parallel with R1 to improve load
transient response and stability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com