Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C5887AXC Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 25Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 26Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 27Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 28Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 29Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 30Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 31Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 32Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 28 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
6.2.1 Power Modes
PSoC 5LP devices have four different power modes, as shown
in Table 6-2 and Table 6-3. The power modes allow a design to
easily provide required functionality and processing power while
simultaneously minimizing power consumption and maximizing
battery life in low power and portable devices.
PSoC 5LP power modes, in order of decreasing power
consumption are:
Active
Alternate active
Sleep
Hibernate
Active is the main processing mode. Its functionality is
configurable. Each power controllable subsystem is enabled or
disabled by using separate power configuration template
registers. In alternate active mode, fewer subsystems are
enabled, reducing power. In sleep mode most resources are
disabled regardless of the template settings. Sleep mode is
optimized to provide timed sleep intervals and RTC functionality.
The lowest power mode is hibernate, which retains register and
SRAM state, but no clocks, and allows wakeup only from I/O
pins. Figure 6-5 illustrates the allowable transitions between
power modes. Sleep and hibernate modes should not be entered
until all VDDIO supplies are at valid voltage levels.
Table 6-2. Power Modes
Power Modes
Description
Entry Condition Wakeup Source Active Clocks
Regulator
Active
Primary mode of operation, all
peripherals available (program-
mable)
Wakeup, reset,
manual register
entry
Any interrupt
Any (program-
mable)
All regulators available.
Digital and analog
regulators can be disabled
if external regulation used.
Alternate
Active
Similar to Active mode, and is
typically configured to have
fewer peripherals active to
reduce power. One possible
configuration is to use the UDBs
for processing, with the CPU
turned off
Manual register
entry
Any interrupt
Any (program-
mable)
All regulators available.
Digital and analog
regulators can be disabled
if external regulation used.
Sleep
All subsystems automatically
disabled
Manual register
entry
Comparator,
PICU, I2C, RTC,
CTW, LVD
ILO/kHzECO
Both digital and analog
regulators buzzed.
Digital and analog
regulators can be disabled
if external regulation used.
Hibernate
All subsystems automatically
disabled
Lowest power consuming mode
with all peripherals and internal
regulators disabled, except
hibernate regulator is enabled
Configuration and memory
contents retained
Manual register
entry
PICU
Only hibernate regulator
active.
Table 6-3. Power Modes Wakeup Time and Power Consumption
Sleep
Modes
Wakeup
Time
Current
(Typ)
Code
Execution
Digital
Resources
Analog
Resources
Clock Sources
Available
Wakeup Sources
Reset
Sources
Active
–
3.1 mA[8]
Yes
All
All
All
–
All
Alternate
Active
–
–
User
defined
All
All
All
–
All
Sleep
<25 µs
2 µA
No
I2C
Comparator
ILO/kHzECO
Comparator, PICU,
I2C, RTC, CTW,
LVD
XRES, LVD,
WDR
Hibernate
<200 µs
300 nA
No
None
None
None
PICU
XRES
Note
8. Bus clock off. Execute from CPU instruction buffer at 6 MHz. See Table 11-2 on page 68.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com