Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C5887AXC Datasheet(PDF) 110 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 110 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 106Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 107Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 108Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 109Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 110Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 111Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 112Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 113Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 114Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 109 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-74. Bandwidth vs. Temperature, at Different Gain
Settings, Power Mode = High
Figure 11-75. Noise vs. Frequency, Vdda = 5 V,
Power Mode = High
Table 11-43. PGA AC Specifications[68]
Parameter
Description
Conditions
Min
Typ
Max
Units
BW1
–3 dB bandwidth
Power mode = high,
gain = 1, input = 100 mV
peak-to-peak
6.7
8
–
MHz
TA ≤ 105 °C
6
8
–
SR1
Slew rate
Power mode = high,
gain = 1, 20% to 80%
3––
V/µs
en
Input noise density
Power mode = high,
Vdda = 5 V, at 100 kHz
–43–
nV/sqrtHz
1
10
0.1
-40
-20
0
20
40
60
80
100
Temperature, °C
Gain = 1
Gain = 24
Gain = 48
100
1000
10
0.01
0.1
1
10
100
1000
Frequency, kHz
Note
68. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com