| Electronic Components Datasheet Search |
|
CY8C5465PVC Datasheet(PDF) 44 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CY8C5465PVC Datasheet(HTML) 44 Page - Infineon Technologies AG |
|
44 / 140 page ![]() Document Number: 001-84932 Rev. *N Page 43 of 139 PSoC® 5LP: CY8C58LP Family Datasheet Figure 7-4. Datapath Top Level 7.2.2.1 Working Registers The datapath contains six primary working registers, which are accessed by CPU firmware or DMA during normal operation. 7.2.2.2 Dynamic Configuration RAM Dynamic configuration is the ability to change the datapath function and internal configuration on a cycle-by-cycle basis, under sequencer control. This is implemented using the 8-word x 16-bit configuration RAM, which stores eight unique 16-bit wide configurations. The address input to this RAM controls the sequence, and can be routed from any block connected to the UDB routing matrix, most typically PLD logic, I/O pins, or from the outputs of this or other datapath blocks. ALU The ALU performs eight general purpose functions. They are: Increment Decrement Add Subtract Logical AND Logical OR Logical XOR Pass, used to pass a value through the ALU to the shift register, mask, or another UDB register Independent of the ALU operation, these functions are available: Shift left Shift right Nibble swap Bitwise OR mask A0 A1 D0 D1 PI ALU Mask Shift Data Registers Output Muxes F1 F0 FIFOs Accumulators PO A0 A1 D0 D1 Output to Programmable Routing Chaining Parallel Input/Output (To/From Programmable Routing) Input from Programmable Routing Input Muxes To/From Next Datapath To/From Previous Datapath PHUB System Bus R/W Access to All Registers 6 6 Table 7-1. Working Datapath Registers Name Function Description A0 and A1 Accumulators These are sources and sinks for the ALU and also sources for the compares. D0 and D1 Data Registers These are sources for the ALU and sources for the compares. F0 and F1 FIFOs These are the primary interface to the system bus. They can be a data source for the data registers and accumulators or they can capture data from the accumu- lators or ALU. Each FIFO is four bytes deep. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |