| Electronic Components Datasheet Search |
|
CY8C5865PVC Datasheet(PDF) 41 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CY8C5865PVC Datasheet(HTML) 41 Page - Infineon Technologies AG |
|
41 / 140 page ![]() Document Number: 001-84932 Rev. *N Page 40 of 139 PSoC® 5LP: CY8C58LP Family Datasheet 7. Digital Subsystem The digital programmable system creates application specific combinations of both standard and advanced digital peripherals and custom logic functions. These peripherals and logic are then interconnected to each other and to any pin on the device, providing a high level of design flexibility and IP security. The features of the digital programmable system are outlined here to provide an overview of capabilities and architecture. You do not need to interact directly with the programmable digital system at the hardware and register level. PSoC Creator provides a high level schematic capture graphical interface to automatically place and route resources similar to PLDs. The main components of the digital programmable system are: Universal Digital Blocks (UDB) - These form the core functionality of the digital programmable system. UDBs are a collection of uncommitted logic (PLD) and structural logic (Datapath) optimized to create all common embedded peripherals and customized functionality that are application or design specific. Universal Digital Block array - UDB blocks are arrayed within a matrix of programmable interconnect. The UDB array structure is homogeneous and allows for flexible mapping of digital functions onto the array. The array supports extensive and flexible routing interconnects between UDBs and the Digital System Interconnect. Digital System Interconnect (DSI) - Digital signals from Universal Digital Blocks (UDBs), fixed function peripherals, I/O pins, interrupts, DMA, and other system core signals are attached to the Digital System Interconnect to implement full featured device connectivity. The DSI allows any digital function to any pin or other feature routability when used with the Universal Digital Block array. Figure 7-1. CY8C58LP Digital Programmable Architecture 7.1 Example Peripherals The flexibility of the CY8C58LP family’s UDBs and analog blocks allow the user to create a wide range of components (peripherals). The most common peripherals were built and characterized by Cypress and are shown in the PSoC Creator component catalog, however, users may also create their own custom components using PSoC Creator. Using PSoC Creator, users may also create their own components for reuse within their organization, for example sensor interfaces, proprietary algorithms, and display interfaces. The number of components available through PSoC Creator is too numerous to list in the datasheet, and the list is always growing. An example of a component available for use in CY8C58LP family, but, not explicitly called out in this datasheet is the UART component. 7.1.1 Example Digital Components The following is a sample of the digital components available in PSoC Creator for the CY8C58LP family. The exact amount of hardware resources (UDBs, routing, RAM, flash) used by a component varies with the features selected in PSoC Creator for the component. Communications I2C UART SPI Functions EMIF PWMs Timers Counters Logic NOT OR XOR AND 7.1.2 Example Analog Components The following is a sample of the analog components available in PSoC Creator for the CY8C58LP family. The exact amount of hardware resources (SC/CT blocks, routing, RAM, flash) used by a component varies with the features selected in PSoC Creator for the component. Amplifiers TIA PGA opamp ADCs Delta-Sigma Successive Approximation (SAR) DACs Current Voltage PWM Comparators Mixers Digital Core System and Fixed Function Peripherals DSI Routing Interface DSI Routing Interface Digital Core System and Fixed Function Peripherals UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |