Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES3DB Datasheet(PDF) 1 Page - Multicomp Pro

Part # ES3DB
Description  Surface Mount Super Fast Glass Passivated Rectifer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

ES3DB Datasheet(HTML) 1 Page - Multicomp Pro

  ES3DB Datasheet HTML 1Page - Multicomp Pro ES3DB Datasheet HTML 2Page - Multicomp Pro ES3DB Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.1
11/09/19
Surface Mount Super Fast
Glass Passivated Rectifer
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Super fast switching time for high efficiency
• Low forward voltage drop and high current capability
• Low reverse leakage current
• Plastic material has UL flammability classification 94V-0
Mechanical Data
Case
: Molded Plastic
Polarity
: Colour band denotes cathode
Weight
: 0.007 ounces, 0.093 grams
Mounting Position : Any
Forward Current
: 3 Amperes
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Characteristics
Symbol
ES3BB+ ES3DB+
Unit
Max. Recurrent Peak Reverse Voltage
Vrrm
100
200
V
Max. RMS Voltage
Vrms
70
140
V
Max. DC Blocking Voltage
Vdc
100
200
V
Max. Average Forward
Rectified Current @Ta = 50°C
I(AV)
3
A
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Ifsm
100
A
Peak Forward Voltage at 3A DC
Vf
0.95
V
Maximum DC Reverse Current @Tj = 25°C
at Rated DC Blocking Voltage
@Tj = 100°C
Ir
5
100
μA
Maximum Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
cj
70
pF
Typical Thermal Resistance (Note 3)
rθjl
20
°C/W
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TsTg
-55 to +150
°C
Notes : 1. Measured with If = 0.5A, Ir = 1A, Irr = 0.25A
2. Measured at 1MHz and applied reverse voltage of 4V DC
3. Thermal resistance junction to lead
4. The typical data above is for reference only


Similar Part No. - ES3DB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3DB DIODES-ES3DB Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
Weitron Technology
ES3DB WEITRON-ES3DB Datasheet
329Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
ES3DB BILIN-ES3DB Datasheet
71Kb / 2P
SURFACE MOUNT RECTIFIER
logo
GOOD-ARK Electronics
ES3DB GOOD-ARK-ES3DB Datasheet
153Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Weitron Technology
ES3DB WEITRON-ES3DB Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
More results

Similar Description - ES3DB

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
ES2AA HY-ES2AA Datasheet
88Kb / 2P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3A HY-ES3A Datasheet
89Kb / 2P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
Leshan Radio Company
EFM107 LRC-EFM107_15 Datasheet
173Kb / 4P
Surface Mount Glass Passivated Super Fast Rectifiers
EFMAF108 LRC-EFMAF108_15 Datasheet
242Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers
EFMBF208 LRC-EFMBF208_15 Datasheet
243Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers
FFMA207 LRC-FFMA207_15 Datasheet
229Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
ES1AA HY-ES1AA Datasheet
411Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES1AB HY-ES1AB Datasheet
397Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES1AL HY-ES1AL_V01 Datasheet
418Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES2A HY-ES2A_V01 Datasheet
414Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com