Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHAT-RV Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # PHAT-RV
Description  PHAT-RV TECHNICAL DESCRIPTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHAT-RV Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button PHAT-RV Datasheet HTML 10Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 11Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 12Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 13Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 14Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 15Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 16Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 17Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
pHAT Module Series
pHAT-RV Technical Description
pHAT-RV Technical Description
Page 14 of 27
3.7.3 I
2C Registers
To write individual registers a device write must be undertaken by the Raspberry-Pi which
consists of a Start condition, device ID (‘D’ bit cleared), register to start write, one or more
bytes of data to be written and a stop condition (see Figure 2 for I
2C write protocol).
To read individual data and status registers a device write then read must be undertaken by
the Raspberry-Pi which consists of a Start condition, device ID (‘D’ bit clear), register to start
read and a Stop condition.
This is followed by a read, which consists of a Start condition, device ID (‘D‘ bit set), followed
by data from the register specified and terminated with a Stop condition. The RV also auto
increments the register specified for every additional read requested by the Master I
2C
device, which allows more than one register to be read in one transaction. This allows for
example Register 0 to Register 5, current UTC time, to be read in one transaction (see Figure 3
for I
2C read protocol).
There are 25 individual registers that can be written and 8 registers that can be read within
the RV as follows:
Table 5: I
2C Registers
Register name
Type
Register address
Description
Hex
Binary
Register address
w
00
00000000
Start register to write to
Stepper 1 control
w
01
00000001
Stepper motor 1 control
U
U U
E
D
C
B
A
A = Operate (0 - Stepper disabled 1
- Stepper enabled)
B = Reverse (0 - Stepper normal 1 -
Stepper reversed)
C = Rotate (0 - Single step 1 -
Constant rotation)
D = Step (0 - Normal step 1 - Half
step)
E = Hold (0 - No hold on stop 1 -
Hold on stop)
U = Unused
Stepper 1 steps MSB
w
02
00000010
Number of steps MSB
Stepper 1 steps LSB
w
03
00000011
Number of steps LSB
Stepper 1 speed
w
04
00000100
Step speed in quarter mS
(0.25mS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com