Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25221DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS25221DBVT
Description  TPS25221 2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25221DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS25221DBVT Datasheet HTML 9Page - Texas Instruments TPS25221DBVT Datasheet HTML 10Page - Texas Instruments TPS25221DBVT Datasheet HTML 11Page - Texas Instruments TPS25221DBVT Datasheet HTML 12Page - Texas Instruments TPS25221DBVT Datasheet HTML 13Page - Texas Instruments TPS25221DBVT Datasheet HTML 14Page - Texas Instruments TPS25221DBVT Datasheet HTML 15Page - Texas Instruments TPS25221DBVT Datasheet HTML 16Page - Texas Instruments TPS25221DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
0.97
ILIM
1.004
ILIM
1.033
ILIM
52640V
OSmax
R
k
55960V
OSnom
R
k
56850V
OSmin
R
k
I
(mA) =
I
(mA) =
I
(mA) =
W
W
W
13
TPS25221
www.ti.com
SLVSDT3D – JANUARY 2018 – REVISED DECEMBER 2019
Product Folder Links: TPS25221
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
The open-drain fault reporting output FAULT is asserted (active low) immediately during an over-temperature
shutdown condition.
9.4 Device Functional Modes
Table 1. Protection Function Table
EVENT
CONDITION
ACTION
Overload on OUT
ILOAD > IOS
The device outputs IOS x RLOAD until thermal shutdown. The
fault indicator asserts when the over-current condition
persists for more 8 ms, the fault does not de-assert until
over-current is removed and persists for 8 ms.
Overheating
TJ > 165 C
The device immediately shuts off the internal power switch
and the fault indicator asserts immediately when the junction
temperature exceeds 165°C (typical). The device has a
thermal hysteresis of 20°C (typical). The fault indicator de-
asserts when the junction temperature falls below 145°C
(typical).
Undervoltage on IN
VIN < 2.37 V
The device immediately shuts off the internal current-limited
switch.
9.5 Programming
9.5.1 Programming the Current-Limit Threshold
The over-current threshold is user programmable through an external resistor. The TPS25221 uses an internal
regulation loop to provide a regulated voltage on the ILIM pin. The current-limit threshold is proportional to the
current sourced out of ILIM. The recommended 1% resistor range for RILIM is 20 kΩ ≤ RILIM ≤ 210 kΩ to ensure
stability of the internal regulation loop. Many applications require that the minimum current limit is above a certain
current level or that the maximum current limit is below a certain current level, so it is important to consider the
tolerance of the over-current threshold when selecting a value for RILIM. The following equations and Figure 24
can be used to calculate the resulting over-current threshold for a given external resistor value (RILIM). Figure 24
includes current-limit tolerance due to variations caused by temperature and process. However, the equations do
not account for tolerance due to external resistor variation, so it is important to account for this tolerance when
selecting RILIM. The traces routing the RILIM resistor to the TPS25221 must be as short as possible to reduce
parasitic effects on the current-limit accuracy.
RILIM can be selected to provide a current-limit threshold that occurs: 1) above a minimum load current or 2)
below a maximum load current.
To design above a minimum current-limit threshold, find the intersection of RILIM and the maximum desired load
current on the IOS(min) curve and choose a value of RILIM below this value. Programming the current limit above a
minimum threshold is important to ensure start-up into full load or heavy capacitive loads. The resulting
maximum current-limit threshold is the intersection of the selected value of RILIM and the IOS(max) curve.
To design below a maximum current-limit threshold, find the intersection of RILIM and the maximum desired load
current on the IOS(max) curve and choose a value of RILIM above this value. Programming the current limit below a
maximum threshold is important to avoid current limiting upstream power supplies, causing the input voltage bus
to droop. The resulting minimum current-limit threshold is the intersection of the selected value of RILIM and the
IOS(min) curve.
Current-Limit Threshold Equation (IOS):
where:
20 kΩ ≤ RILIM ≤ 210 kΩ.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com