Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5448 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5448
Description  Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5448 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5448 Datasheet HTML 1Page - Analog Devices ADRF5448 Datasheet HTML 2Page - Analog Devices ADRF5448 Datasheet HTML 3Page - Analog Devices ADRF5448 Datasheet HTML 4Page - Analog Devices ADRF5448 Datasheet HTML 5Page - Analog Devices ADRF5448 Datasheet HTML 6Page - Analog Devices ADRF5448 Datasheet HTML 7Page - Analog Devices ADRF5448 Datasheet HTML 8Page - Analog Devices ADRF5448 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
ADRF5448
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 14
Table 1. Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL CONTROL INPUTS
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.45
V
Current
Low
IINL
<1
μA
High
IINH
V1 and V2
<1
μA
EN and LS
33
μA
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Inputs Voltages
EN and LS
0
VDD
V
RF Input Power2, 3
f = 0.3 GHz to 40 GHz, TCASE = 85°C, life time
Through Path
RF signal is applied to RFC or through the connected RF
throw port (selected RFx)
29
dBm
Terminated Path
RF signal is applied to the unselected RFx
17.5
dBm
Hot Switching
RF signal is applied to RFC while switching between the
RFx ports
29
dBm
Case Temperature
TCASE
–40
+105
°C
1 For input linearity performance over frequency, see Figure 20 to Figure 23.
2 For power derating over frequency, see Figure 2 and Figure 3.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com