Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5448BCZ-GP Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5448BCZ-GP
Description  Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5448BCZ-GP Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5448BCZ-GP Datasheet HTML 6Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 7Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 8Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 9Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 10Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 11Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 12Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 13Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Data Sheet
ADRF5448
OUTLINE DIMENSIONS
©2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 14 of 14
2.996
2.971
2.946
3.046
3.021
2.996
2.11
2.08
2.05
2.07
2.04
2.01
TOP VIEW
(CIRCUIT SIDE)
Silicon Die
0.445
0.425
0.405
SIDE VIEW
0.102
GaAs Carrier
Silicon Die
0.163 × 0.183
(Pads 2-10,12-15,
17-19, 21-24,
26-28, 30-33)
0.47 REF
0.465 REF
0.627 REF
0.627 REF
0.841
0.209
0.209
0.307
0.3375
0.3375
0.255
0.408
0.245
0.3375
0.3375
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
0.3375
0.2676
0.195
0.183 × 0.183
(Pads 1 and 11)
0.191 × 0.163
(Pads 16 and 29)
0.163 × 0.195
(Pads 20 and 25)
Figure 27. 33-Pad Bare Die [CHIP]
(C-33-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADRF5448BCZ
−40°C to +105°C
33-Pad Bare Die [CHIP]
C-33-1
ADRF5448BCZ-GP
−40°C to +105°C
33-Pad Bare Die [CHIP]
C-33-1
ADRF5448BCZ-SX
−40°C to +105°C
33-Pad Bare Die [CHIP]
C-33-1
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com