Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP024 Datasheet(PDF) 7 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP024
Description  Single-segment linear LED driver chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP024 Datasheet(HTML) 7 Page - Shenzhen Developer Microelectronics Co., Ltd

  DP024 Datasheet HTML 1Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 2Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DP024
单段式线性 LED 驱动芯片
第 7 页
ESOP-8 Package
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.100
0.200
0.004
0.008
A2
1.250
1.550
0.050
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.007
0.010
D
4.700
5.100
0.185
0.201
D1
2.750
3.402
0.108
0.134
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
E2
2.110
2.710
0.083
0.107
e
1.270(BSC)
0.050(BSC)
L
0.400
1.270
0.016
0.05
θ
0°
8°
0°
8°
深圳市德普微电子有限公司
www.depuw.com
REV 1.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com