Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBF170 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBF170
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF170 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBF170 Datasheet HTML 1Page - ON Semiconductor MMBF170 Datasheet HTML 2Page - ON Semiconductor MMBF170 Datasheet HTML 3Page - ON Semiconductor MMBF170 Datasheet HTML 4Page - ON Semiconductor MMBF170 Datasheet HTML 5Page - ON Semiconductor MMBF170 Datasheet HTML 6Page - ON Semiconductor MMBF170 Datasheet HTML 7Page - ON Semiconductor MMBF170 Datasheet HTML 8Page - ON Semiconductor MMBF170 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BS170 / MMBF170 Rev. E2
1
March 2010
BS170 / MMBF170
N-Channel Enhancement Mode Field Effect Transistor
General Description
These N-Channel enhancement mode field effect
transistors are produced using Fairchild's proprietary, high
cell density, DMOS technology. These products have been
designed to minimize on-state resistance while provide
rugged, reliable, and fast switching performance. They can
be used in most applications requiring up to 500mA DC.
These products are particularly suited for low voltage, low
current applications such as small servo motor control,
power MOSFET gate drivers, and other switching
applications.
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
BS170
MMBF170
Units
VDSS
Drain-Source Voltage
60
V
VDGR
Drain-Gate Voltage (RGS ≤ 1MΩ)60
V
VGSS
Gate-Source Voltage
± 20
V
ID
Drain Current - Continuous
500
500
mA
- Pulsed
1200
800
TJ, TSTG
Operating and Storage Temperature Range
- 55 to 150
°C
TL
Maximum Lead Temperature for Soldering
Purposes, 1/16" from Case for 10 Seconds
300
°C
Symbol
Parameter
BS170
MMBF170
Units
PD
Maximum Power Dissipation
Derate above 25
°C
830
6.6
300
2.4
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
150
417
°C/W
G
S
D
D
G
S
TO-92
SOT-23
BS170
MMBF170
Features
■
High density cell design for low RDS(ON).
■
Voltage controlled small signal switch.
■
Rugged and reliable.
■
High saturation current capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com