Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1645.. Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR1645..
Description  Schottky Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR1645.. Datasheet(HTML) 2 Page - ON Semiconductor

  MBR1645.. Datasheet HTML 1Page - ON Semiconductor MBR1645.. Datasheet HTML 2Page - ON Semiconductor MBR1645.. Datasheet HTML 3Page - ON Semiconductor MBR1645.. Datasheet HTML 4Page - ON Semiconductor MBR1645.. Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR1635 - MBR1660 Rev. C
2001 Fairchild Semiconductor Corporation
MBR1635 - MBR1660
Schottky Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Value
Units
P
D
Power Dissipation
2.0
W
RθJA
Thermal Resistance, Junction to Ambient
60
°C/W
RθJL
Thermal Resistance, Junction to Lead
1.5
°C/W
Symbol
Parameter
Device
Units
1635
1645
1650
1660
V
F
Forward Voltage
I
F = 16 A, TC = 25°C
I
F = 16 A, TC = 125°C
0.63
0.57
0.75
0.65
V
V
IR
Reverse Current @ rated V
R
T
A = 25°C
T
A = 125°C
0.2
40
1.0
50
mA
mA
IRRM
Peak Repetitive Reverse Surge Current
2.0 us Pulse Width, f = 1.0 KHz
1.0
0.5
A
Features
• Low power loss, high efficiency.
• High surge capacity.
• For use in low voltage, high frequency
inverters, free wheeling, and polarity
protection applications.
• Metal silicon junction, majority carrier
conduction.
• High current capacity, low forward
voltage drop.
• Guard ring for over voltage protection.
TO-220AC
1
2
Thermal Characteristics
Symbol
Parameter
Value
Units
1635
1645
1650
1660
V
RRM
Maximum Repetitive Reverse Voltage
35
45
50
60
V
I
F(AV)
Average Rectified Forward Current
.375 " lead length @ T
A = 125°C
16
A
I
FSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
150
A
T
stg
Storage Temperature Range
-65 to +175
°C
T
J
Operating Junction Temperature
-65 to +150
°C
PIN 1 +
CASE
+
PIN 2 -
CASE Positive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com