Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPL0813 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPL0813
Description  LEADER TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPL0813 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPL0813 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
29
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
*□ Packing style -T: Taping -B: Bulk
Ordering Code
Inductance Inductance Test Freq. DC Resistance
Rated
(
µH)
TOL.(%)
(KHz)
(Ω)Max
Current(A)
8.0MAX
3.85
± 0.5
12.7
± 0.3
4.0
± 0.3
5.0
+ 0.8/-0.3
¿

0
±
• Inductance: Agilent 4284A LCR Meter (1KHz 1V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• Inductance drop = 10% typ. at rated current
LPL0813 SERIES
Leaded type
SHAPES & DIMENSIONS
(Dimensions in mm)
TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE
ELECTRICAL CHARACTERISTICS
LPL0813
□-4R7M
LPL0813
□-100K
LPL0813
□-150K
LPL0813
□-220K
LPL0813
□-330K
LPL0813
□-470K
LPL0813
□-680K
LPL0813
□-101K
LPL0813
□-151K
LPL0813
□-221K
LPL0813
□-331K
LPL0813
□-471K
LPL0813
□-681K
LPL0813
□-102K
LPL0813
□-393K
4.7
10
15
22
33
47
68
100
150
220
330
470
680
1000
39000
0.05
0.09
0.06
0.09
0.11
0.16
0.25
0.28
0.49
0.83
0.95
1.39
1.95
3.30
126.00
4.00
2.50
2.10
1.80
1.40
1.10
0.93
0.86
0.70
0.53
0.43
0.38
0.32
0.26
0.04
1
± 20%
± 10
Ordering Code
Inductance Inductance Test Freq. DC Resistance
Rated
(
µH)
TOL.(%)
(KHz)
(Ω)Max
Current(A)
• Inductance: Agilent 4284A LCR Meter (1KHz 1V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• Inductance drop = 10% typ. at rated current
LPL0919 SERIES
Leaded type
SHAPES & DIMENSIONS
(Dimensions in mm)
TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE
ELECTRICAL CHARACTERISTICS
LPL0919
□-150K
LPL0919
□-220K
LPL0919
□-101K
LPL0919
□-221K
LPL0919
□-472K
LPL0919
□-103K
LPL0919
□-104K
15
22
100
220
4700
10000
100000
0.03
0.04
0.16
0.31
7.14
14.40
156.00
2.30
1.80
0.82
0.65
0.13
0.09
0.03
1
± 10
9.5MAX
3.85
± 0.5
12.7
± 0.3
4.0
± 0.3
5.0
+ 0.8/-0.3
¿
 
0
±
*□ Packing style -T: Taping -B: Bulk


Similar Part No. - LPL0813

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPL0813 ABCO-LPL0813 Datasheet
102Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0813T-100M ABCO-LPL0813T-100M Datasheet
102Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0813T-101K ABCO-LPL0813T-101K Datasheet
102Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0813T-102K ABCO-LPL0813T-102K Datasheet
102Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0813T-150K ABCO-LPL0813T-150K Datasheet
102Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPL0813

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPL0411 ABCO-LPL0411 Datasheet
487Kb / 1P
LEADER TYPE
logo
Amphenol Corporation
10-503140-032 AMPHENOL-10-503140-032 Datasheet
13Mb / 437P
The Interconnection Leader
logo
Dialight Corporation
553-0711-110F DIALIGHT-553-0711-110F Datasheet
367Kb / 1P
The Worldwide Leader in LED Technology.
logo
Grayhill, Inc
71A30-02-1-12N-C GRAYHILL-71A30-02-1-12N-C Datasheet
363Kb / 14P
Performance and Value Leader
logo
List of Unclassifed Man...
SDSDQ2-2048 ETC2-SDSDQ2-2048 Datasheet
1Mb / 2P
From the world leader in flash memory cards
X8DA3 ETC1-X8DA3 Datasheet
1Mb / 91P
Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
X8DT3 ETC1-X8DT3 Datasheet
7Mb / 99P
Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
X8DTL-3 ETC1-X8DTL-3 Datasheet
7Mb / 97P
Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
logo
Belden Inc.
CPLCRBC-BR BELDEN-CPLCRBC-BR Datasheet
2Mb / 36P
The Industry Leader in True 360쨘 Compression Connectors & Tooling Systems
062014
logo
Molex Electronics Ltd.
1301060180 MOLEX-1301060180 Datasheet
120Kb / 1P
STRNGLGHT 103.5 ALL BLK (89) 323 SCKTS, 1 SPNGS 15 LEADER AND 6 TAIL
2014/01/28
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com