| Electronic Components Datasheet Search |
|
ISO7740FDWR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7740FDWR Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 52 page ![]() 5 Specifications 5.1 Absolute Maximum Ratings See(1) MIN MAX UNIT VCC1, VCC2 Supply voltage (2) -0.5 6 V V Voltage at INx, OUTx, ENx -0.5 VCCX + 0.5 (3) V IO Output current -15 15 mA TJ Junction temperature 150 °C Tstg Storage temperature -65 150 °C (1) Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime (2) All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak voltage values (3) Maximum voltage must not exceed 6 V. 5.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ ESDA/JEDEC JS-001, all pins ±6000 V Charged device model (CDM), per JEDEC specification JESD22-C101, all pins ±1500 Contact discharge per IEC 61000-4-2; Isolation barrier withstand test(1) (2) ±8000 (1) IEC ESD strike is applied across the barrier with all pins on each side tied together creating a two-terminal device. (2) Testing is carried out in air or oil to determine the intrinsic contact discharge capability of the device. ISO7740, ISO7741, ISO7742 SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024 www.ti.com 6 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: ISO7740 ISO7741 ISO7742 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |