Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5149 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5149
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5149 Datasheet(HTML) 2 Page - Texas Instruments

  LM5149 Datasheet HTML 1Page - Texas Instruments LM5149 Datasheet HTML 2Page - Texas Instruments LM5149 Datasheet HTML 3Page - Texas Instruments LM5149 Datasheet HTML 4Page - Texas Instruments LM5149 Datasheet HTML 5Page - Texas Instruments LM5149 Datasheet HTML 6Page - Texas Instruments LM5149 Datasheet HTML 7Page - Texas Instruments LM5149 Datasheet HTML 8Page - Texas Instruments LM5149 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
Several features are included to simplify compliance with CISPR 11 and CISPR 32 EMI requirements. Adaptively
timed, high-current MOSFET gate drivers minimize body diode conduction during switching transitions, reducing
switching losses and improving thermal and EMI performance at high input voltage and high switching
frequency. To reduce input capacitor ripple current and EMI filter size, 180° interleaved operation is provided
for two outputs. A 90° out-of-phase clock output works well for cascaded, multichannel or multiphase power
stages. Resistor-adjustable switching frequency as high as 2.2MHz can be synchronized to an external clock
source up to 2.64MHz to eliminate beat frequencies in noise-sensitive applications.
Additional features of the LM25137 include 150°C maximum junction temperature operation, user-selectable
PFM mode for lower current consumption during light-load conditions, configurable soft-start function, open-drain
PG flags for fault reporting and output monitoring, independent enable inputs, monotonic start-up into prebiased
loads, integrated VCC bias supply regulator powered from VIN or VOUT1, hiccup-mode overload protection,
and thermal shutdown protection with automatic recovery. Current is sensed using the inductor DCR for highest
efficiency or an optional shunt resistor for high accuracy.
The LM25137 controller comes in a 6mm × 6mm, thermally-enhanced, 36-pin VQFN package with additional
pin clearance for increased reliability and wettable flank pins to facilitate optical inspection during manufacturing.
The wide input voltage range, low quiescent current consumption, high-temperature operation, cycle-by-cycle
current limit, low EMI signature, and small design size provide an excellent point-of-load regulator choice for
applications requiring enhanced robustness and durability.
LM25137
SNVSCU4 – OCTOBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com