Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA328DBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA328DBVR
Description  OPAx328 Precision, 40MHz, 1pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA328DBVR Datasheet(HTML) 4 Page - Texas Instruments

  OPA328DBVR Datasheet HTML 1Page - Texas Instruments OPA328DBVR Datasheet HTML 2Page - Texas Instruments OPA328DBVR Datasheet HTML 3Page - Texas Instruments OPA328DBVR Datasheet HTML 4Page - Texas Instruments OPA328DBVR Datasheet HTML 5Page - Texas Instruments OPA328DBVR Datasheet HTML 6Page - Texas Instruments OPA328DBVR Datasheet HTML 7Page - Texas Instruments OPA328DBVR Datasheet HTML 8Page - Texas Instruments OPA328DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
Figure 4-3. OPA2328 D and DGK Package
8-pin SOIC and and VSSOP
(Top View)
OUTA
-INA
+INA
V-
1
2
3
4
V+
OUTB
-INB
+INB
8
7
6
5
Exposed
Thermal
DiePad
on
Underside
(2)
Figure 4-4. OPA2328 DRG Package,
8-Pin WSON
(Top View)
1
2
3
4
5
A
B
C
D
E
Not to scale
–IN A
OUT A
+IN A
V+
V+
DNC
DNC
DNC
DNC
V+
DNC
DNC
DNC
V–
DNC
DNC
DNC
DNC
SHDN
–IN B
OUT B
+IN B
V+
V–
Figure 4-5. OPA2328 YBJ Package
24-Pin DSBGA
(Top View)
Pin Functions: OPA2328
PIN
TYPE
DESCRIPTION
NAME
D (SOIC), DGK
(VSSOP), DRG (WSON)
YBJ (DSBGA)
–IN A
2
A1
Input
Inverting input, channel A
+IN A
3
A3
Input
Noninverting input, channel A
–IN B
6
E1
Input
Inverting input, channel B
+IN B
5
E3
Input
Noninverting input, channel B
OUT A
1
A2
Output
Output, channel A
OUT B
7
E2
Output
Output, channel B
SHDN
—
D5
Input
Shutdown control for both channel A and channel B. Logic level
low = amplifiers enabled. Logic level high = amplifiers disabled.
V–
4
C5, E5
Power
Negative (lowest) power supply
V+
8
A4, A5, B5, E4
Power
Positive (highest) power supply
DNC
—
B1, B2, B3,
B4, C1, C2,
C4, D1, D2,
D3, D4
—
Do not connect
OPA328, OPA2328, OPA4328
SBOS957F – FEBRUARY 2022 – REVISED OCTOBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA328 OPA2328 OPA4328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com