Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7741FDWR Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO7741FDWR
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7741FDWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7741FDWR Datasheet HTML 7Page - Texas Instruments ISO7741FDWR Datasheet HTML 8Page - Texas Instruments ISO7741FDWR Datasheet HTML 9Page - Texas Instruments ISO7741FDWR Datasheet HTML 10Page - Texas Instruments ISO7741FDWR Datasheet HTML 11Page - Texas Instruments ISO7741FDWR Datasheet HTML 12Page - Texas Instruments ISO7741FDWR Datasheet HTML 13Page - Texas Instruments ISO7741FDWR Datasheet HTML 14Page - Texas Instruments ISO7741FDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
5.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to DIN
EN IEC 60747-17 (VDE
0884-17)
Certified according to IEC
62368-1 and IEC 60601-1
Certified according to
UL 1577 Component
Recognition Program
Certified according to GB
4943.1
Certified according to EN
61010-1 and EN 62368-1
Maximum transient
isolation voltage, 8000 VPK
(DW-16) and 4242 VPK
(DBQ-16);
Maximum repetitive peak
isolation voltage, 2121 VPK
(DW-16, Reinforced),
1414 VPK (DW-16, Basic)
and 566 VPK (DBQ-16);
Maximum surge isolation
voltage, 12800 VPK
(DW-16, Reinforced),
7800 VPK (DW-16, Basic)
and 10000 VPK (DBQ-16)
Reinforced insulation
per CSA 62368-1 and
IEC 62368-1 600VRMS
(DW-16) and 370
VRMS (DBQ-16) max
working voltage (pollution
degree 2, material group
I);
2 MOPP (Means of Patient
Protection) per CSA
60601-1 and IEC 60601-1,
250 VRMS (DW-16) max
working
voltage
DW-16: Single protection,
5000 VRMS;
DBQ-16: Single protection,
3000 VRMS
DW-16: Reinforced
Insulation, Altitude ≤ 5000
m, Tropical Climate, 700
VRMS maximum working
voltage;
DBQ-16: Basic Insulation,
Altitude ≤ 5000 m, Tropical
Climate, 400 VRMS
maximum working voltage
5000 VRMS (DW-16) and
3000 VRMS (DBQ-16)
Reinforced insulation per
EN 61010-1 up to
working voltage of 600
VRMS (DW-16) and 300
VRMS (DBQ-16)
5000 VRMS (DW-16) and
3000 VRMS (DBQ-16)
Reinforced insulation per
EN 62368-1 up to
working voltage of 600
VRMS (DW-16) and 370
VRMS (DBQ-16)
Reinforced certificate:
40040142
Basic certificate:
40047657
Master contract number:
220991
File number: E181974
Certificate numbers:
CQC21001304083
(DW-16)
CQC18001199097
(DBQ-16)
Client ID number: 77311
www.ti.com
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com