Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF6028T-101M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF6028T-101M
Description  SMD SHIELDED TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF6028T-101M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF6028T-101M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPF6028T-3R3M
3.3
0.0210
2.00
±20
100
0.4300
1.50
1.30
0.0532
. IDC1(The saturation current):△L= -30% reduction from nominal L value
Code
LPF6028T-151M
LPF6028T-181M
220
. Bias Current : Agilent 4284A + Agilent 42841A
. Rdc : HIOKI 3540 mΩ HiTESTER
. Inductance : Agilent 4284A LCR Meter (100KHz 0.5V)
150
180
(uH)
Ordering
▼Electrical Characteristics
TOL.(%)
Test Freq.
Rated DC Current
Inductance
Inductance
10
(Ω)±20%
(KHz)
(Dimensions in mm)
SMD Shielded type
▼Shape & Dimensions / Recommended Solder Land Pattern
33
LPF6028T-220M
22
0.1040
-20 ~ +85℃ (Including self-generated heat)
0.42
. IDC2(The temperature rise):△T=25℃ at rated current
▼
Operating Temperature Range
0.60
0.26
0.34
0.9800
0.0284
DC Resistance
IDC1
(A Max.)
IDC2
(A Ref.)
3.70
0.0145
3.00
3.00
3.30
1.60
2.90
1.30
1.60
2.30
2.80
0.0354
15
0.59
0.2900
0.2100
0.0745
0.50
0.77
0.69
1.00
0.31
0.64
0.80
1.10
0.40
0.42
68
LPF6028T-4R7M
LPF6028T-150M
▼
Test Equipments
LPF6028T-100M
LPF6028T-221M
LPF6028T-330M
6.8
LPF6028T-6R8M
47
0.1480
0.6500
0.8700
LPF6028T-1R5M
1.5
LPF6028T-680M
LPF6028T-101M
100
4.7
LPF6028T-470M
http://www.abco.co.kr
LPF6028 Series
6.0±0.2
150
2.8±0.2
3.8±0.1
1.8±0.1
6.0±0.2
2.0
3.0
1.9


Similar Part No. - LPF6028T-101M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF6028T-101M ABCO-LPF6028T-101M Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF6028T-101M ABCO-LPF6028T-101M Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF6028T-101M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015T-1R5M ABCO-LPF2015T-1R5M Datasheet
462Kb / 1P
SMD SHIELDED TYPE
LPF2010T-1R5M ABCO-LPF2010T-1R5M Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF1280T-1R0M ABCO-LPF1280T-1R0M Datasheet
450Kb / 1P
SMD SHIELDED TYPE
LPF1245T-1R5M ABCO-LPF1245T-1R5M Datasheet
455Kb / 1P
SMD SHIELDED TYPE
LPF7045-C ABCO-LPF7045-C Datasheet
452Kb / 1P
SMD SHIELDED TYPE
LPF7028 ABCO-LPF7028 Datasheet
451Kb / 1P
SMD SHIELDED TYPE
LPF6025 ABCO-LPF6025 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF4027 ABCO-LPF4027 Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF4017 ABCO-LPF4017 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF3015 ABCO-LPF3015 Datasheet
463Kb / 1P
SMD SHIELDED TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com