| Electronic Components Datasheet Search |
|
REF5045IDR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5045IDR Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 52 page ![]() 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)(1) MIN MAX UNIT Input voltage VIN (2) -0.3 18 V VIN (3) -0.3 48 Output Voltage VOUT -0.3 5.5 V Operating temperature (TA) –55 125 °C Junction temperature (TJ max) 150 Storage temperature range (Tstg) -65 150 (1) Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime. (2) Specification for REF5xxI and REF50xxAI. (3) Specification for REF50xxEI. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge (3) Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) ± 3000 V Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2) ± 1000 Electrostatic discharge (4) Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) ± 2000 Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2) ± 500 (1) JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process. (3) Specification for REF50xxI and REF50xxAI. (4) Specification for REF50xxEI. 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT VIN Input voltage (2) VOUT + 0.2(1) 18 V Input voltage (3) VOUT + 0.2 42 V NR Noise reduction (3) 0 6 V IOUT Output current –10 10 mA TA Operating ambient temperature –40 25 125 °C (1) Except for the REF5020, where VIN (minimum) = 2.7V. (2) Specification for REF50xxI and REF50xxAI. (3) Specification for REF50xxEI. www.ti.com REF50, REF50E SBOS410O – JUNE 2007 – REVISED OCTOBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 5 Product Folder Links: REF50 REF50E |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |