Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSD2004S Datasheet(PDF) 1 Page - Shunxin Technology Co., Ltd.

Part # CMSD2004S
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

CMSD2004S Datasheet(HTML) 1 Page - Shunxin Technology Co., Ltd.

  CMSD2004S Datasheet HTML 1Page - Shunxin Technology Co., Ltd. CMSD2004S Datasheet HTML 2Page - Shunxin Technology Co., Ltd. CMSD2004S Datasheet HTML 3Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWITCHING DIODE
FEATURES
CMSD2004S type is a silicon switching dual in series diode
manufactured by the epitaxial planar process, designed for
applications requiring high voltage capability. Power dissipation
MARKING : B6D
Maximum Ratings @Ta=25℃
Parameter
Symbol
Limit
Unit
Non-Repetitive Peak reverse voltage
VRM
300
V
DC Blocking Voltage
VR
240
V
Average Rectified Output Current
IO
200
mA
Continuous Forward Current
IF
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Non-Repetitive Peak Forward Surge Current @ t=8.3ms
IFSM
2.5
A
Power Dissipation
PD
250
mW
Thermal Resistance From Junction to Ambient
RθJA
500
℃
/W
Operation Junction and Storage Temperature Range
TJ,TSTG
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR= 100μA
240
V
Reverse voltage leakage current
IR
VR=240V
0.1
mA
Forward voltage
VF
IF=100mA
1
V
Diode capacitance
CD
VR=0V,f=1MHz
5
pF
Reveres recovery time
trr
IF=IR=30mA,RL=100Ω
50
ns
SOT-323
1
3
2
1
www.sxsemi.com
CMSD2004S
1
2
3


Similar Part No. - CMSD2004S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSD2004S CENTRAL-CMSD2004S Datasheet
124Kb / 2P
HIGH VOLTAGE SWITCHING DIODE
logo
Guangdong Kexin Industr...
CMSD2004S KEXIN-CMSD2004S Datasheet
49Kb / 1P
High Voltage Switching Diode
logo
Jiangsu Changjiang Elec...
CMSD2004S JIANGSU-CMSD2004S Datasheet
1,000Kb / 4P
SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
CMSD2004S BILIN-CMSD2004S Datasheet
240Kb / 3P
Surface mount switching diode
Rev.B
CMSD2004S BILIN-CMSD2004S Datasheet
172Kb / 3P
Surface mount switching diode
More results

Similar Description - CMSD2004S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com