Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3045 Datasheet(PDF) 32 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
32 of 44
The LT83401/LT83402 is an externally compensated part, so even if the recommended layout is not followed
(sometimes it is not possible due to application-specific limitations), it is possible to choose a more conservative
compensation with a lower gain or bandwidth in order to retain stability during operation. However, this is at the
expense of a transient response. A superior layout allows a better tradeoff between transient response, phase
margin, and output noise performance when selecting compensation values.
Frequency Compensation
The loop compensation determines the stability and transient performance and is provided by the components
connected to the VC pin. Generally, a capacitor (CC) and a resistor (RC) in series to ground are used. Designing the
compensation network can be complicated, and the best values depend on the application. A practical approach is
to start with one of the circuits in this data sheet that is similar to the user’s application and tune the compensation
network to optimize the performance. LTpowerCAD simulation can help in this process. Stability should then be
checked across all operating conditions, including load current, input voltage, and temperature. The LT1375 data
sheet contains a more thorough discussion of loop compensation and describes how to test the stability using a
transient load.
Figure 54 shows an equivalent circuit for the LT83401/LT83402 control loop. The error amplifier is a
transconductance amplifier with transconductance gm(EA)= 12mS, with finite output impedance. The power section,
consisting of the modulator, power switches, and inductor, is modeled as a transconductance amplifier with
transconductance GM = 2.3A/V (LT83401)/3.6A/V (LT83402) generating an output current proportional to the voltage
at the VC pin. Note that the output capacitor integrates this current and that the capacitor on the VC pin (CC) integrates
the error amplifier output current, resulting in two poles in the loop. A zero is required and comes from a resistor RC
in series with CC. This simple model works as long as the value of the inductor is not too high and the loop crossover
frequency is much lower than the switching frequency. For more information about the compensation of switching
mode power supplies, refer to Application Note 149: Modeling and Loop Compensation Design of Switching Mode
Power Supplies.
Figure 54. Model for Loop Response
VC
220kΩ
OUTS
SET
CSET
LT83401/LT83402
COUT
RSET
OUTPUT
CF
CC
RC
GM
gm (EA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com