Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH2003CT Datasheet(PDF) 15 Page - STMicroelectronics

Part # STTH2003CT
Description  300 V ultrafast rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003CT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STTH2003CT Datasheet HTML 8Page - STMicroelectronics STTH2003CT Datasheet HTML 9Page - STMicroelectronics STTH2003CT Datasheet HTML 10Page - STMicroelectronics STTH2003CT Datasheet HTML 11Page - STMicroelectronics STTH2003CT Datasheet HTML 12Page - STMicroelectronics STTH2003CT Datasheet HTML 13Page - STMicroelectronics STTH2003CT Datasheet HTML 14Page - STMicroelectronics STTH2003CT Datasheet HTML 15Page - STMicroelectronics STTH2003CT Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Revision history
Table 10. Document revision history
Date
Revision
Changes
Aug-2003
7G
Previous release
26-Mar-2007
8
Removed ISOWATT package
11-Feb-2011
9
Updated base quantity for tape and reel delivery.
Corrected temperature in Table 1. Added warning paragraph above Table 7.
06-Sep-2011
10
Updated Table 2. Added Figure 12.
28-May-2015
11
Updated features, Table 1: "Device summary" and packages silhouette in
cover page.
Updated Section 1: "Characteristics".
Updated Section 2.2: "D²PAK package information".
07-Aug-2018
12
Updated I²PAK package information.
Minor text changes to improve readability.
STTH2003
DS1213 - Rev 12
page 15/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com