Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2DPT1021Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI2DPT1021Q
Description  1.8V Bi-Directional USB Type-C DP-Alt Retimer Improves Signal Integrity in Automotive Video Interconnectivity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPT1021Q Datasheet(HTML) 1 Page - Diodes Incorporated

  PI2DPT1021Q Datasheet HTML 1Page - Diodes Incorporated PI2DPT1021Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The automotive compliant* PI2DPT1021Q is
a bit-level retimer providing receiver
adaptive equalization, compensating
channel losses up to -23dB at 5GHz signals.
The device, with its 10Gbps data handling,
supports DisplayPort (DP) 1.4 and USB
3.2 standards for automotive USB Type-C®
applications such as rear seat entertainment
and active cables.
The PI2DPT1021Q has 4:4 channels,
supporting system-on-chip (SOC) devices
with an integrated USB/DP crossbar switch
with I2C. The I2C is used to select:
Four-lane DP
Two-lane DP and one-lane USB 3.2
Gen2
One- or two-lane USB 3.2 Gen2
The PI2DPT1021Q complies with USB
power management states for active mode
(U0) and power-saving modes (U1, U2, U3).
The bi-directional design provides flexibility
when the DFP and UFP signal flows are
swapped, which supports active cable
applications and signal flow selection.
Diodes also provides the PI2DPT1021
commercial-grade device for industrial
applications
The PI2DPT1021Q is packaged in the very
small X1-QFN2845-32 (0.4 mm pitch)
package, supports AEC-Q100 Grade 2, and
operates across the -40
C to +105C
temperature range.
*Automotive-compliant - AEC qualified, manufactured in
sites certified to IATF 16949 supporting PPAP
documents.
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.
1.8V Bi-Directional USB Type-C DP-Alt Retimer Improves
Signal Integrity in Automotive Video Interconnectivity
PI2DPT1021Q
October 2025
The DIODES Advantage
The PI2DPT1021Q bit-level retimer provides fast USB 3.2
video interconnectivity.
Applications
Rear seat entertainment
Active cables
▪ Flexible Four-Channel USB Type-C DP-Alt Mode Operation
USB 3.2 Gen2x2,
USB 3.2 Gen2x1 + Two-lane DP 1.4 (HBR3),
Four-lane DP 1.4 (HBR3)
▪ High-Speed Signal Integrity
Provides receiver adaptive equalization up to -23dB at 5GHz of
channel loss compensation and jitter cleaning
▪ Very Small X1-QFN2845-32 Package
Optimizes 2.85mm x 4.5mm PCB area for densely populated
computing equipment
▪ Auto-Power-Saving Modes for Both USB and DP
Maintains USB U1/U2/U3 and DP D3 power-saving modes with
built-in AUX listener
▪ Bi-Directional with Very-Low (<1ns) Latency for High-
Speed Channels
Provides flexibility for signal flow selection


Similar Part No. - PI2DPT1021Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPT1021 DIODES-PI2DPT1021 Datasheet
1Mb / 1P
DP-Alt Type-C 10Gbps Bi-directional Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 4 - 2 October 2022
PI2DPT1021XEAEX DIODES-PI2DPT1021XEAEX Datasheet
1Mb / 1P
DP-Alt Type-C 10Gbps Bi-directional Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 4 - 2 October 2022
More results

Similar Description - PI2DPT1021Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
logo
Kinetic Technologies.
MCDP5200 KINETIC-MCDP5200 Datasheet
269Kb / 6P
USB Type-C / DP1.4a Alt-Mode to HDMI2.0b Protocol Converter With USB Retimer
logo
List of Unclassifed Man...
MCDP6000 ETC1-MCDP6000 Datasheet
750Kb / 46P
USB Type-C DP Alt-Mode Switching Retimer
November 21st, 2018
logo
Kinetic Technologies.
MCDP5240 KINETIC-MCDP5240 Datasheet
261Kb / 5P
USB Type-C / DP1.4a Alt-Mode to DPWith USB Retimer
September 2020 - Revision 03b
MCDP6000 KINETIC-MCDP6000 Datasheet
215Kb / 5P
USB Type-C DP Alt-Mode Switching Retimer
June 2021 - Revision 03g
MCDP6200 KINETIC-MCDP6200 Datasheet
173Kb / 5P
USB Type-C Switching Retimer
June 2021 - Revision 03h
logo
Diodes Incorporated
PI2DPT1021 DIODES-PI2DPT1021 Datasheet
1Mb / 1P
DP-Alt Type-C 10Gbps Bi-directional Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 4 - 2 October 2022
PI2DPT821 DIODES-PI2DPT821 Datasheet
1,013Kb / 1P
DP-Alt Type-C 8.1Gbps Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 2 - 2 October 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com