Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CB332002 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI6CB332002
Description  4- and 2-Output Clock Mux-Buffers with Low Jitter Enhance Performance in PCIe® 6.0 Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332002 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI6CB332002 Datasheet HTML 1Page - Diodes Incorporated PI6CB332002 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
Typical Server Application Diagram
October 2025
PI6CB33220x
PI6CB332002
Orderable Part Number
Compliance
(Only Automotive
Supports PPAP)
Package
Moisture
Sensitivity
Packing
Quantity
Carrier
PI6CB332204ZLFEX
Standard
VQNF (ZLF28)
(4mm x 4mm)
MSL-1
3,500
Tape & Reel
PI6CB332202ZNAEX
Standard
WQFN (ZNA20)
(3mm x 3mm)
MSL-1
3,500
Tape & Reel
PI6CB332002ZNAEX
Standard
WQFN (ZNA20)
(3mm x 3mm)
MSL-1
3,500
Tape & Reel
PCIe 6.0 Mux-Buffer Portfolio
Ordering Information
Part Number
Outputs
Input/
Output
Types
Additive
Jitter
VDD
Maximum
Output
Frequency
Output
Impedance
Temperature
Range
Package
Typ.
V
MHz
ºC
PI6CB332002
2
HCSL
3fs
3.3
400
85
100
-40 to +105
WQFN-20 (ZNA20)
PI6CB332202
2
HCSL
3fs
3.3
400
85
100
-40 to +105
WQFN-20 (ZNA20)
PI6CB332204
4
HCSL
3fs
3.3
400
85
100
-40 to +105
VQFN-28 (ZLF28)
PI6CB332004A
4
HCSL
3fs
3.3
400
85
-40 to +105
VQFN-28 (ZLF28)
PI6CB332008A
PI6CB332008A100
8
HCSL
3fs
3.3
400
85
100
-40 to +105
VQFN-40 (ZLF40)
PI6CB332012A
12
HCSL
4fs
3.3
400
85
-40 to +105
WLGA-64 (FLB64)
PI6CB332013A
PI6CB332013A100
13
HCSL
3fs
3.3
400
85
100
-40 to +105
VQFN-56 (ZLF56)
PI6CB332016A
16
HCSL
3fs
3.3
400
85
-40 to +105
TQFN-64 (ZD64)
PI6CB332020A
20
HCSL
3fs
3.3
400
85
-40 to +105
AQFN-80 (ZXB80)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com