Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7372 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7372
Description  Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7372 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7372 Datasheet HTML 1Page - Diodes Incorporated AP7372 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
AP7372
Typical Application
Extremely Low Noise LDO Portfolio
Ordering Information
Part
Number
VIN
Adj.
VOUT
Fixed VOUT
IOUT
VDROP
@
Full Load
Noise
PSRR
(@10kHz) Enable
Package
V
V
V
mA
mV
µVRMS
dB
AP7372
2.7 to 20
Yes
(1.2)
1.8, 2.5, 3.3, 5.0
200
120
8
90
Yes
U-WLB1012-6
(Type A1)
AP7353D
2.0 to 5.5
No
1.8, 2.5, 2.8, 2.85, 2.9,
3.0, 3.1, 3.2, 3.3, 3.6,
4.5, 4.7, 5.0
250
74
10
70
Yes
X1-WLB0707-4,
X2-DFN1010-4
Orderable Part
Number
Output
Voltage
Compliance
(Only Automotive
Supports PPAP)
Package
Moisture
Sensitivity
Packing
Quantity
Carrier
AP7372-12CBA6-7
1.2V Adj.
Standard
U-WLB1012-6 (Type A1)
(1.0mm x 1.2mm)
(CBA6)
MSL-1
3,000
7” Tape &
Reel
AP7372-18CBA6-7
1.8V
AP7372-25CBA6-7
2.5V
AP7372-33CBA6-7
3.3V
AP7372-50CBA6-7
5.0V
August 2025
AP7372-50 with Fixed 5V Output Voltage
AP7372-xx with Adjustable Output by R1 and R2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com