Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL100N4LF8 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL100N4LF8
Description  N-channel logic level 40 V, 2.7 mΩ max., 103 A, STripFET F8 Power MOSFET in a PowerFLAT 3.3x3.3 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100N4LF8 Datasheet(HTML) 5 Page - STMicroelectronics

  STL100N4LF8 Datasheet HTML 1Page - STMicroelectronics STL100N4LF8 Datasheet HTML 2Page - STMicroelectronics STL100N4LF8 Datasheet HTML 3Page - STMicroelectronics STL100N4LF8 Datasheet HTML 4Page - STMicroelectronics STL100N4LF8 Datasheet HTML 5Page - STMicroelectronics STL100N4LF8 Datasheet HTML 6Page - STMicroelectronics STL100N4LF8 Datasheet HTML 7Page - STMicroelectronics STL100N4LF8 Datasheet HTML 8Page - STMicroelectronics STL100N4LF8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Total power dissipation
GPDP160920241020PDT
48
36
24
12
0
0
50
100
150
PTOT
(W)
TC (°C)
TJ = 150°C
Figure 2. Drain current vs case temperature
GPDP160920241022PDT_ID
100
75
50
25
0
0
50
100
150
ID
(A)
TC (°C)
TJ = 150°C
Figure 3. Typical output characteristics
GPDP040320250843OC25
240
200
160
120
80
40
0
0
1
2
3
4
ID
(A)
VDS (V)
3 V
VGS= 6, 7, 8, 9, 10 V
4 V
5 V
Figure 4. Typical transfer characteristics
GPDP040320250844TCH
240
200
160
120
80
40
0
1.5
2
2.5
3
3.5
4
4.5
ID
(A)
VGS (V)
TJ= -55 °C
TJ= 175 °C
TJ= 25 °C
VDS = 5 V
Figure 5. Safe operating area
GPDP301020241025SOA
10 2
10 1
10 0
10 -1
10 -2
10 -3
10-1
100
101
ID
(A)
VDS (V)
RDS(on) max.
Operation
in this
area
is limited
by
RDS(on)
tp =100µs
tp =1µs
tp =1ms
tp =10ms
tp =10µs
Figure 6. Normalized transient thermal impedance
GPDP160920241023ZTH
10-0
10-1
10-2
10 -6
10 -5
10 -4
10 -3
10 -2
K
tp (s)
0.01
0.1
0.05
0.02
duty=0.5
0.2
Single pulse
ton
T
duty = ton / T
RthJC = 2.4 °C/W
STL100N4LF8
Electrical characteristics
DS14243 - Rev 5
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com