Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H533CE Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32H533CE
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CE Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32H533CE Datasheet HTML 30Page - STMicroelectronics STM32H533CE Datasheet HTML 31Page - STMicroelectronics STM32H533CE Datasheet HTML 32Page - STMicroelectronics STM32H533CE Datasheet HTML 33Page - STMicroelectronics STM32H533CE Datasheet HTML 34Page - STMicroelectronics STM32H533CE Datasheet HTML 35Page - STMicroelectronics STM32H533CE Datasheet HTML 36Page - STMicroelectronics STM32H533CE Datasheet HTML 37Page - STMicroelectronics STM32H533CE Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 231 page
background image
Functional overview
STM32H533xx
34/231
DS14539 Rev 1
Per channel event generation, on any of the following events: transfer complete or half
transfer complete or data transfer error or user setting error, and/or update linked-list
item error or completed suspension
Per channel interrupt generation, with separately programmed interrupt enable per
event
8 concurrent DMA channels:
Per channel FIFO for queuing source and destination transfers
Intra-channel DMA transfers chaining via programmable linked-list into memory,
supporting two execution modes: run-to-completion and link step mode
Intra-channel and inter-channel DMA transfers chaining via programmable DMA
input triggers connection to DMA task completion events
Per linked-list item within a channel:
Separately programmed source and destination transfers
Programmable data handling between source and destination: byte-based
reordering, packing or unpacking, padding or truncation, sign extension and
left/right realignment
Programmable number of data bytes to be transferred from the source, defining
the block level
6 channels with linear source and destination addressing: either fixed or
contiguously incremented addressing, programmed at a block level, between
successive single transfers
Four channels with 2D source and destination addressing: programmable signed
address offsets between successive burst transfers (non-contiguous addressing
within a block, combined with programmable signed address offsets between
successive blocks, at a second 2D/repeated block level)
Support for scatter-gather (multi-buffer transfers), data interleaving and
de-interleaving via 2D addressing
Programmable DMA request and trigger selection
Programmable DMA half-transfer and transfer complete events generation
Pointer to the next linked-list item and its data structure in memory, with automatic
update of the DMA linked-list control registers
Debug:
Channel suspend and resume support
Channel status reporting including FIFO level and event flags
TrustZone support:
Support for secure and non-secure DMA transfers, independently at a first
channel level, and independently at a source/destination and link sub-levels
Secure and non-secure interrupts reporting, resulting from any of the respectively
secure and non-secure channels
TrustZone-aware AHB slave port, protecting any DMA secure resource (register,
register field) from a non-secure access
Privileged/unprivileged support:
Support for privileged and unprivileged DMA transfers, independently at a channel
level
Privileged-aware AHB slave port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com