Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLT.7M-M Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # PLT.7M-M
Description  Pan-Ty® Marker and Flag Ties
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLT.7M-M Datasheet(HTML) 2 Page - PANDUIT CORP.

  PLT.7M-M Datasheet HTML 1Page - PANDUIT CORP. PLT.7M-M Datasheet HTML 2Page - PANDUIT CORP. PLT.7M-M Datasheet HTML 3Page - PANDUIT CORP. PLT.7M-M Datasheet HTML 4Page - PANDUIT CORP. PLT.7M-M Datasheet HTML 5Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B1.35
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Panduit
Material
Color
Suffix
Nylon 6.6
Natural
✓
✓
Weather Resistant Nylon 6.6
Black
0
Weather Resistant Nylon 6.6
Black
(meets Mil. Spec.)
00
Nylon 6.6
Brown
1
Nylon 6.6
Red
2
Nylon 6.6
Orange
3
Nylon 6.6
Yellow
4Y
Nylon 6.6
Green
5
Nylon 6.6
Blue
6
Nylon 6.6
Purple
7
Nylon 6.6
Gray
8
Nylon 6.6
White
10
Nylon 6.6
Telephone Gray
14
Nylon 6.6
Black
20
Heat Stabilized Nylon 6.6
Black
30
Panduit
Material
Color
Suffix
Heat Stabilized Nylon 6.6
Natural
39
Nylon 6.6
Fluorescent Orange
53
Nylon 6.6
Fluorescent Yellow
54
Nylon 6.6
Fluorescent Green
55
Nylon 6.6
Fluorescent Pink
59
Flame Retardant Nylon 6.6
Black
60
Flame Retardant Nylon 6.6
Natural (Ivory)
69
PEEK (Polyetheretherketone)
Translucent Brown
71
TEFZEL■
Aqua Blue
76
Metal Detectable, Nylon
Blue
86
Metal Detectable, Polypropylene
Blue
186
Weather Resistant Polypropylene
Black
100
Polypropylene
Green
109
Nylon 12
Black
120
Heat Stabilized Weather
Black
300
Resistant Nylon 6.6
HALAR▲
Maroon
702Y
Material and Color Chart
■TEFZEL is a registered trademark of E.I. du Pont de Nemours and Company.
▲HALAR is a registered trademark of Ausimont USA, Inc.
✓Denotes Panduit Natural Nylon 6.6 (no suffix).
Part Number Availability List
List continues on page B1.36
Pan-Ty ® Cable Ties
Standard Packaging
Bulk Packaging
Part Number
Natural
Nylon 6.6 Material/Color Suffix
Part Number
Natural
Nylon 6.6 Material/Color Suffix
PLC1M-S4-C
✓
✓
0
PLC1M-S4-M
✓
✓
0,30
PLC1.5I-S8-C
✓
✓
0
PLC1.5I-S8-M
✓
✓
0,30
PLC2S-S6-C
✓
✓
0
PLC2S-S6-M
✓
✓
0
PLC2S-S10-C
✓
✓
0,14
PLC2S-S10-M
✓
✓
0,20,30
PLC3S-S10-C
✓
✓
0
PLC3S-S10-M
✓
✓
0
PLC4S-S10-C
✓
✓
0
PLC4S-S10-M
✓
✓
0,30
PLC2H-S25-L
✓
✓
PLC2H-S25-TL
✓
✓
0,30
PLC4H-S25-L
✓
✓
0
PLC4H-S25-TL
✓
✓
0,30
PLF1M-C
✓
✓
0
PLF1M-M
✓
✓
0,2,3,4Y,6,10,69
PLF1MA-C
✓
✓
3,4Y
PLF1MA-M
✓
✓
0,2,3,4Y,5,6,10
PLF1MB-C
✓
✓
PLF1MB-M
✓
✓
PLF1MC-M
3
PLM1M-C
✓
✓
0
PLM1M-M
✓
✓
0,1,2,3,4Y,5,6,7,8,10,69
PLM2M-C
✓
✓
PLM2M-M
✓
✓
0,4Y,6
PLM2S-C
✓
✓
0,4Y
PLM2S-D
✓
✓
0,2,3,4Y,5,6,8
PLM4S-C
✓
✓
PLM4S-D
✓
✓
0,2,4Y,6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com