Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H533CEU6XXX Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32H533CEU6XXX
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6XXX Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32H533CEU6XXX Datasheet HTML 3Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 4Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 5Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 6Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 7Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 8Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 9Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 10Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 231 page
background image
DS14539 Rev 1
7/231
STM32H533xx
Contents
6
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 201
6.1
Device marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 201
6.2
WLCSP39 package information (B0MM) . . . . . . . . . . . . . . . . . . . . . . . . 202
6.3
LQFP48 package information (5B) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205
6.4
LQFP64 package information (5W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 208
6.5
UFQFPN48 package information (A0B9) . . . . . . . . . . . . . . . . . . . . . . . . .211
6.6
LQFP100 package information (1L) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 213
6.7
UFBGA100 package information (A0C2) . . . . . . . . . . . . . . . . . . . . . . . . 216
6.8
LQFP144 package information (1A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 219
6.9
UFBGA144 package information (A0Y2) . . . . . . . . . . . . . . . . . . . . . . . . 223
6.10
Package thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 226
6.10.1
Reference documents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 227
7
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 228
8
Important security notice . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 229
9
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com