Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB2501 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # DB2501
Description  25 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DB2501 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  DB2501 Datasheet HTML 1Page - DIOTEC Electronics Corporation DB2501 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. BRDB-2500-1C
ADBD-2500-1C
MECHANICAL SPECIFICATION
E39
25 AMP SILICON BRIDGE RECTIFIERS
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Working Peak Reverse Voltage
Series Number
V
V
V
V
SYMBOL
UNITS
VOLTS
RMS Reverse Voltage
RATINGS
INCHES
MILLIMETERS
MIN
11.0
17.5
15.7
28.4
SYM
BL
BH
D1
D2
MAX
MAX
11.2
16.7
18.5
28.7
0.69
MIN
1.12
0.43
0.62
1.13
0.44
0.66
0.73
D3
0.53
13.5
14.5
0.57
LT
0.56
14.2
n/a
n/a
INCHES
MILLIMETERS
MIN
11.0
10.9
17.5
28.4
SYM
BL
BH
D1
LL
D2
MAX
MAX
11.2
18.5
11.9
28.7
0.43
MIN
1.12
0.43
0.69
1.13
0.44
0.73
0.47
LD
1.0
1.1
0.039
0.042
0.81
20.6
n/a
n/a
LT
LD
LL
SERIES: DB2500 - DB2510 and ADB2504 - ADB2508
HOLE FOR
#8 SCREW
D3
D1
D1
D2
BL
BL
D1
D2
BL
D1
BL
_
+
+
_
+
_
UL RECOGNIZED - FILE #E124962
BH
BH
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
ELECTRICALLY ISOLATED METAL CASE FOR
MAXIMUM HEAT DISSIPATION
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
Case: Metal (Potting epoxy carries U/L flammability Rating 94V-0)
Terminals: Round silver plated copper pins or fast-on terminals
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on side of case
Mounting Position: Any. Through hole for #8 screw.
Weight: Fast-on Terminals - 1.1 Ounces (31.6 Grams)
Max. mounting torque = 20 in-lb.
Wire Leads - 0.95 Ounce (28.5 Grams)
RoHS COMPLIANT
MECHANICAL DATA
I
Average Forward Rectified Current @ Tc = 75 C
Peak Forward Surge Current.
T = 125
Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method).
C
AMPS
I
T
T
°C
Junction Temperature Range
Storage Temperature Range
R
V
Maximum Forward Voltage (Per Diode) at 12.5 Amps DC
VOLTS
VDC
Mimimum Avalanche Voltage
Maximum Avalanche Voltage
V
V
Maximum Reverse Current at Rated V
@ T = 25 C
@T = 125 C
I
Minimum Insulation Breakdown Voltage (Circuit to Case)
V
Typical Thermal Resistance, Junction to Case
A
C/W
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B


Similar Part No. - DB2501

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DB2501P DEC-DB2501P Datasheet
143Kb / 2P
25 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - DB2501

ManufacturerPart #DatasheetDescription
logo
Bytes
MB2505W BYTES-MB2505W Datasheet
150Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB2505 FORMOSA-MB2505 Datasheet
41Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
DT25C00 DEC-DT25C00 Datasheet
315Kb / 1P
25 AMP SILICON BRIDGE RECTIFIERS
DB2500P DEC-DB2500P Datasheet
143Kb / 2P
25 AMP SILICON BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
MB2505 UNIOHM-MB2505 Datasheet
72Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
MB2505W UNIOHM-MB2505W Datasheet
65Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
25DBP DEC-25DBP Datasheet
137Kb / 2P
25 AMP SILICON BRIDGE RECTIFIERS
25FDBP DEC-25FDBP Datasheet
462Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC25005W DGNJDZ-KBPC25005W Datasheet
335Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBJ25005 BYTESONIC-GBJ25005 Datasheet
278Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
Version 1.2 2018/3/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com