Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR751 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # MR751
Description  25 AMP LEAD MOUNT BUTTON DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

MR751 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  MR751 Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
MECHANICAL SPECIFICATION
Case: M
Finish: All external surfaces are corrosion resistant
and the contact areas are readily solderable
Maximum Lead Soldering Temperature: 210 C, 3/8"
case for 10 seconds at 5 lbs tension
Mounting Position: Any
Polarity: Color band or diode symbol on case
Weight: 0.09 Ounces (2.5 Grams)
o
olded Epoxy (UL Flammability Rating 94V-O)
MECHANICAL DATA
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified.
DataSheetNo.DR750-1A
LookingFor:MR750,MR751,MR752,
MR754,MR756Replacements?
25 AMP LEADMOUNTBUTTONDIODES
Tel.: (310) 767-1052 Fax: (310) 767-7958
DIOTECELECTRONICSCORP
Gardena, CA 90248 U.S.A
18020 Hobart Blvd., Unit B
DieSize:
0.165"x0.165"
Square
PROPRIETARY JUNCTIONPASSIVATIONFOR
SUPERIORRELIABILITY ANDPERFORMANCE
SUGGESTEDREPLACEMENTFORMR751,MR752,
MR754,MR756DIODES
Compact molded design
High surge current, 600 A @ T = 175 C
Low cost
Peak performance at elevated temperatures: 35 A
J
o
@ T = 175 C
J
o
VOIDFREEVACUUMDIESOLDERINGFORMAXIMUM
MECHANICAL STRENGTH ANDHEATDISSIPATION
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
M
F
A
B
L
L
D
E
INCHES
MILLIMETERS
MIN
DIM
A
B
D
MAX
MAX
MIN
0.332
0.234
0.050
0.342
0.246
0.053
E
0.215
0.225
F
0.165
0.175
L
0.990
1.010
M
5°NOM
5°NOM
RoHSCO
MPLIANT
Non-repetitive Peak Reverse Voltage (Half wave, single phase,
60 Hz peak)
Average Forward Rectified Current @ T =150 C
C
o
IO
25
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load)
IFSM
500
VRSM
60
120
240
480
720
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
VRWM
VDC
VRRM
SYMBOL
RATINGS
,4%# ,4%# ,4%#
,4%#" ,4%#$
50
100
200
400
600
Maximum Forward Voltage Drop at 25 Amp DC, 3/8" Leads
Maximum Instantaneous Forward Voltage Drop at 100 Amp
VF
VF
1.1 (Typical 1.05)
1.25
AMPS
UNITS
VOLTS
VOLTS
Maximum Thermal Resistance, Junction to Case (Note 1)
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
IRM
RGJC
@ T = 25 C
A
o
@ T = 100 C
A
o
1
50
0.9
Junction Operating and Storage Temperature Range
TJ ,TSTG
°C/W
mA
°C
-65 to +175
Notes: 1) Both Leads to Heatsink, Equal Length
M
PROPRIETARY JUNCTIONPASSIVATIONFOR
SUPERIORRELIABILITY ANDPERFORMANCE
LOWFORWARDVOLTAGEDROP
VOIDFREEVACUUMDIESOLDERINGFORMAXIMUM
MECHANICAL STRENGTH ANDHEATDISSIPATION
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
LARGEDIEFORHIGHPOWERHEAVY DUTY
PERFORMANCE
HIGHHEATHANDLINGCAPABILITY WITHVERY
LOWTHERMAL STRESS


Similar Part No. - MR751

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MR751 MOTOROLA-MR751 Datasheet
188Kb / 6P
HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
logo
Micro Commercial Compon...
MR751 MCC-MR751 Datasheet
90Kb / 3P
6 Amp Rectifier 50 - 1000 Volts
logo
ON Semiconductor
MR751 ONSEMI-MR751 Datasheet
96Kb / 7P
High Current Lead Mounted Rectifiers
March, 2007 ??Rev. 6
logo
Won-Top Electronics
MR751 WTE-MR751 Datasheet
43Kb / 4P
6.0A STANDARD DIODE
logo
Shanghai Lunsure Electr...
MR751 CHENYI-MR751 Datasheet
60Kb / 3P
6Amp rectifier 50-1000 volts
More results

Similar Description - MR751

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BAR5000 DEC-BAR5000 Datasheet
243Kb / 1P
50 AMP BUTTON DIODES
BAR7500S DEC-BAR7500S Datasheet
248Kb / 1P
75 AMP BUTTON DIODES
DR820 DEC-DR820 Datasheet
85Kb / 1P
35 AMP LEAD MOUNT FAST RECOVERY BUTTON DIODES
BUDI-2500-1 DEC-BUDI-2500-1 Datasheet
361Kb / 2P
25 AMP BUTTON DIODES
BUDI-3500S-1A DEC-BUDI-3500S-1A Datasheet
64Kb / 1P
35 AMP BUTTON DIODES
BUDI-7500S-1A DEC-BUDI-7500S-1A Datasheet
65Kb / 1P
75 AMP BUTTON DIODES
SRPL-3500S-1A DEC-SRPL-3500S-1A Datasheet
85Kb / 1P
35 AMP SOFT RECOVERY FAST SWITCHING LEAD MOUNT BUTTON DIODES
SRPL-7500S-1A DEC-SRPL-7500S-1A Datasheet
78Kb / 1P
75 AMP SOFT RECOVERY FAST SWITCHING LEAD MOUNT BUTTON DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com