Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPR602C Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # SPR602C
Description  6 AMP SUPER-EFFICIENT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

SPR602C Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  SPR602C Datasheet HTML 1Page - DIOTEC Electronics Corporation SPR602C Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
DataSheetNo.SEDR-600-1B
MECHANICAL SPECIFICATION
6 AMP SUPER-EFFICIENTRECTIFIERS
MECHANICAL DATA
Case: TO-220 molded epoxy (Fully Insulated)
(U/L Flammability Rating 94V-0)
Terminals: Rectangular pins w/ standoff
Solderability: Per MIL-STD 202 Method 208 guaranteed
Polarity: Diodes depicted on product
Mounting Position: Any
Weight: 0.06 Ounces (1.75 Grams)
D1
Average Forward Rectified Current @ Tc = 120 C
o
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive loads, derate current by 20%.
PARAMETER(TESTCONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
IO
VRMS
VRRM
VRM
SYMBOL
RATINGS
UNITS
VOLTS
6
602C
601C
603C
604C
605C
100
200
300
400
100
200
300
400
70
140
210
280
500
350
500
(1) Measured at 1 MHz and an applied reverse voltage of 4 volts.
Peak Forward Surge Current ( 8.3mS single half sine wave
superimposed on rated load)
Maximum Forward Voltage (per diode) at 3 Amps DC
VOLTS
AMPS
VFM
IFSM
60
1.0
Typical Thermal Resistance, Junction to Case
Junction Operating and Storage Temperature Range
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
IRM
RGJC
TJ,TSTG
°C/W
°C
mA
Typical Junction Capacitance (Note 1)
CJ
pF
@ T = 25 C
C
o
@ T = 100 C
C
o
10
500
4
65
-65 to +150
4.97fsedr6
NOTES:
Maximum Reverse Recovery Time (I =3.0A, di/dt=50A/ S,T =25 C)
F
J
m
o
TRR
nSec
1.25
30
fP
FULLY INSULATED PACKAGE
B2
B1
D3
B1
B
A2
C
B3
D4
D1
D
D2
P
f
A
A1
1
3
2
2
ACTUAL SIZE OF
TO-220AB PACKAGE
SPR
SPR
SPR
SPR
SPR
SERIESSPR601C-SPR605C
ITO-220AB
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
Glass Passivated for high reliability/temperature performance
Low switching noise
Low forward voltage drop
Low thermal resistance
High switching capability
High surge capability
RoHSCOMPLIANT


Similar Part No. - SPR602C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPR60N04-C SECOS-SPR60N04-C Datasheet
360Kb / 4P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SPR602C

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SPR81 DEC-SPR81 Datasheet
444Kb / 2P
8 AMP SUPER-EFFICIENT RECTIFIERS
SPR161C DEC-SPR161C Datasheet
435Kb / 2P
16 AMP SUPER-EFFICIENT RECTIFIERS
SPR1001C DEC-SPR1001C Datasheet
433Kb / 2P
10 AMP SUPER-EFFICIENT RECTIFIERS
SPR1601C DEC-SPR1601C Datasheet
434Kb / 2P
16 AMP SUPER-EFFICIENT RECTIFIERS
6SPR01 DEC-6SPR01 Datasheet
447Kb / 2P
6 AMP SUPER-EFFICIENT RECTIFIERS
8SPR01 DEC-8SPR01 Datasheet
447Kb / 2P
8 AMP SUPER-EFFICIENT RECTIFIERS
12SPR01 DEC-12SPR01 Datasheet
448Kb / 2P
12 AMP SUPER-EFFICIENT RECTIFIERS
SPR11 DEC-SPR11 Datasheet
392Kb / 2P
1 AMP SUPER-EFFICIENT RECTIFIERS
SESA-601-1B DEC-SESA-601-1B Datasheet
450Kb / 2P
6 AMP SUPER-EFFICIENT RECTIFIERS
SEDR-600-1B DEC-SEDR-600-1B Datasheet
199Kb / 2P
6 AMP SUPER-EFFICIENT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com