Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73601DBVR Datasheet(PDF) 37 Page - Texas Instruments

Part # TPS73601DBVR
Description  TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73601DBVR Datasheet(HTML) 37 Page - Texas Instruments

Back Button TPS73601DBVR Datasheet HTML 33Page - Texas Instruments TPS73601DBVR Datasheet HTML 34Page - Texas Instruments TPS73601DBVR Datasheet HTML 35Page - Texas Instruments TPS73601DBVR Datasheet HTML 36Page - Texas Instruments TPS73601DBVR Datasheet HTML 37Page - Texas Instruments TPS73601DBVR Datasheet HTML 38Page - Texas Instruments TPS73601DBVR Datasheet HTML 39Page - Texas Instruments TPS73601DBVR Datasheet HTML 40Page - Texas Instruments TPS73601DBVR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Sep-2025
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS73618DCQR
SOT-223
DCQ
6
2500
356.0
356.0
36.0
TPS73619DRBR
SON
DRB
8
3000
367.0
367.0
38.0
TPS73625DBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TPS73625DBVRG4
SOT-23
DBV
5
3000
180.0
180.0
18.0
TPS73625DBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
TPS73625DBVTG4
SOT-23
DBV
5
250
180.0
180.0
18.0
TPS73625DCQR
SOT-223
DCQ
6
2500
356.0
356.0
36.0
TPS73630DBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TPS73630DBVRG4
SOT-23
DBV
5
3000
180.0
180.0
18.0
TPS73630DCQR
SOT-223
DCQ
6
2500
346.0
346.0
41.0
TPS73632DBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TPS73632DBVRG4
SOT-23
DBV
5
3000
180.0
180.0
18.0
TPS73633DBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TPS73633DBVR1G4
SOT-23
DBV
5
3000
180.0
180.0
18.0
TPS73633DBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
TPS73633DBVTG4
SOT-23
DBV
5
250
180.0
180.0
18.0
TPS73633DCQR
SOT-223
DCQ
6
2500
346.0
346.0
41.0
TPS73633DRBR
SON
DRB
8
3000
367.0
367.0
35.0
TPS73633DRBRM3
SON
DRB
8
3000
367.0
367.0
35.0
TPS73633DRBT
SON
DRB
8
250
210.0
185.0
35.0
TPS73643DBVR
SOT-23
DBV
5
3000
200.0
183.0
25.0
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com