Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS799 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS799
Description  TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS799 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS799 Datasheet HTML 10Page - Texas Instruments TPS799 Datasheet HTML 11Page - Texas Instruments TPS799 Datasheet HTML 12Page - Texas Instruments TPS799 Datasheet HTML 13Page - Texas Instruments TPS799 Datasheet HTML 14Page - Texas Instruments TPS799 Datasheet HTML 15Page - Texas Instruments TPS799 Datasheet HTML 16Page - Texas Instruments TPS799 Datasheet HTML 17Page - Texas Instruments TPS799 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
8.2.2 Detailed Design Procedure
8.2.2.1 Input and Output Capacitor Requirements
Although an input capacitor is not required for stability, good analog design practice is to connect a 0.1-μF to
1-μF low ESR capacitor across the input supply near the regulator. This capacitor counteracts reactive input
sources and improves transient response, noise rejection, and ripple rejection. A higher-value capacitor may be
necessary if large, fast rise-time load transients are anticipated, or if the device is located several inches from
the power source. If source impedance is not sufficiently low, a 0.1-μF input capacitor may be necessary to
ensure stability.
The TPS799 is designed to be stable with standard ceramic capacitors with values of 2.2 μF or greater. X5R-
and X7R-type capacitors are best because they have minimal variation in value and ESR over temperature.
Maximum ESR must be less than 1.0 Ω.
8.2.2.2 Output Noise
In most LDOs, the band gap is the dominant noise source. If a noise-reduction capacitor (CNR) is used with
the TPS799, the band gap does not contribute significantly to noise. Instead, noise is dominated by the output
resistor divider and the error amplifier input. To minimize noise in a given application, use a 0.01-μF noise
reduction capacitor. To further optimize noise, equivalent series resistance of the output capacitor can be set to
approximately 0.2 Ω. This configuration maximizes phase margin in the control loop, reducing total output noise
by up to 10%.
Noise can be referred to the feedback point; with CNR = 0.01 μF total noise is approximately given by Equation 1:
V =xV
N
OUT
10.5 V
m
RMS
V
(1)
8.2.2.3 Dropout Voltage
The TPS799 uses a PMOS pass transistor to achieve a low dropout voltage. When (VIN – VOUT) is less than
the dropout voltage (VDO), the PMOS pass device is in its linear region of operation and rDS(on) of the PMOS
pass element is the input-to-output resistance. Because the PMOS device behaves like a resistor in dropout,
VDO approximately scales with the output current.
As with any linear regulator, PSRR degrades as (VIN – VOUT) approaches dropout. This effect is illustrated in
Figure 6-10 through Figure 6-18 in the Typical Characteristics section.
8.2.2.4 Transient Response
As with any regulator, increasing the size of the output capacitor reduces over- and undershoot magnitude, but
increases the duration of the transient response. The transient response of the TPS799 is enhanced by an active
pulldown device that engages when the output overshoots by approximately 5% or more when the device is
enabled. When enabled, the pulldown device behaves like a 350-Ω resistor to ground.
8.2.2.5 Minimum Load
The TPS799 is stable with no output load. To meet the specified accuracy, a minimum load of 500 μA is required.
With loads less than 500 μA at junction temperatures near 125°C, the output can drift up enough to cause
the output pulldown device to turn on. The output pulldown device limits voltage drift to 5% typically; however,
ground current can increase by approximately 50 μA. In typical applications, the junction cannot reach high
temperatures at light loads because there is no noticeable dissipated power. The specified ground current is then
valid at no load in most applications.
8.2.2.6 Feedback Capacitor Requirements (TPS79901 Only)
The feedback capacitor, CFB, shown in Figure 8-2 is required for stability. For a parallel combination of R1 and
R2 equal to 250 kΩ, any value from 3 pF to 1 nF can be used. Fixed voltage versions have an internal 30-pF
feedback capacitor that is quick-charged at start up. The adjustable version does not have this quick-charge
circuit, so use values below 5 pF to ensure fast start up; values above 47 pF can be used to implement an output
TPS799
SBVS056L – JANUARY 2005 – REVISED FEBRUARY 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS799



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com