Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74200 Datasheet(PDF) 1 Page - Myrra

Part # 74200
Description  FLYBACK TRANSFORMER - E16 - 5 12V - 5W
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MYRRA [Myrra]
Direct Link  http://myrra.com/
Logo MYRRA - Myrra

74200 Datasheet(HTML) 1 Page - Myrra

  74200 Datasheet HTML 1Page - Myrra  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATASHEET
MYRRA P/N
74200
Type
FLYBACK
Outputs
5 and 12 V
Size
E16
Product designation
FLYBACK TRANSFORMER - E16 - 5 + 12 V - 5 W
I
MECHANICAL CHARACTERISTICS - PINOUT
Terminals
Pins Ø 0.60 +/- 0.10 mm
PCB recommended drilling diameter 1.1 mm
Pins length 4.0 +/- 0.5 mm
Missing pin position 3
Tolerances
General tolerance +/- 0.5 mm
Pins pitch tolerance +/- 0.25 mm
Pins row tolerance +/- 0.5 mm
II
ELECTRICAL CHARACTERISTICS - ENVIRONMENTAL
Typical use at ambient 50 °C
MYRRA
P/N
Maximum
output
power
Windings
Pins
Turns
Voltage
Maximum
current
Inductance
(+/- 10 %)
74200
5.0 W
P
4 - 6
138
85 ~ 265 Vrms
0.27 Apk
3.90 mH
Aux.
2 - 1
16
7.0 ~ 14.0 VDC
0.10 ADC
S1
9 - 10
8
3.3 ~ 7.0 VDC
1.20 ADC
S2
7 - 8
19
8.0 ~ 17.0 VDC
0.40 ADC
Operating temperature
- 40 / + 120 °C (including temperature rise)
Storage temperature
- 40 / + 85 °C
III
SAFETY - APPROVAL
RoHS and REACH compliant
UL94 V-0 materials
Construction conforms to the certified MYRRA Class B UL Electrical Insulation System E113497-B1
Primary + Auxiliary / Secondaries insulation :
Reinforced insulation as per IEC60335-1, IEC60950-1 and IEC61558-2-16
PD2 - creepage distances
≥ 6.0 mm
4.0 kV dielectric test
July, 25th 2019
MYRRA reserve the right to change specifications in this document without notice.
16.0 max.
19.0 max.
2.70 (x 5)
3.5 (x 3)
1
6
10
7
7
S2
8
9
S1
10
6
P
4
2
Aux.
1


Similar Part No. - 74200

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
74200 WIXROYD-74200 Datasheet
224Kb / 1P
Clamping Levers DIN 99
74200.W0105 WIXROYD-74200.W0105 Datasheet
224Kb / 1P
Clamping Levers DIN 99
74200.W0106 WIXROYD-74200.W0106 Datasheet
224Kb / 1P
Clamping Levers DIN 99
74200.W0108 WIXROYD-74200.W0108 Datasheet
224Kb / 1P
Clamping Levers DIN 99
74200.W0110 WIXROYD-74200.W0110 Datasheet
224Kb / 1P
Clamping Levers DIN 99
More results

Similar Description - 74200

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5406 ROHM-BA5406 Datasheet
137Kb / 5P
12V / 5W dual power amplifier
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
Flyback Transformer
3/08/99
T-1311 RHOMBUS-IND-T-1311 Datasheet
65Kb / 1P
Flyback Transformer
8/12/98
logo
Allied Components Inter...
AEP13-3853 ALLIED-AEP13-3853 Datasheet
411Kb / 1P
Flyback Transformer
AEP13-3873 ALLIED-AEP13-3873 Datasheet
836Kb / 1P
Flyback Transformer
logo
Ferroxcube Internationa...
CPH-E16-8-5-1S-6P-Z FERROXCUBE-CPH-E16-8-5-1S-6P-Z Datasheet
76Kb / 2P
Dimensions for product: E16/8/5
logo
Pulse A Technitrol Comp...
PGT6465NL PULSE-PGT6465NL Datasheet
503Kb / 2P
EFD15 flyback transformer – pin 55
2021
logo
Rohm
BA5408 ROHM-BA5408 Datasheet
176Kb / 3P
12V-5W Dual Power Amplifier
logo
Myrra
74032 MYRRA-74032 Datasheet
177Kb / 1P
SIZE E25 - 3 or 1 OUTPUTS: 512/12v or 24v - FLYBACK TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com