Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD70100 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # PD70100
Description  IEEE 802.3af/at PD Front End IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70100 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button PD70100 Datasheet HTML 6Page - Microsemi Corporation PD70100 Datasheet HTML 7Page - Microsemi Corporation PD70100 Datasheet HTML 8Page - Microsemi Corporation PD70100 Datasheet HTML 9Page - Microsemi Corporation PD70100 Datasheet HTML 10Page - Microsemi Corporation PD70100 Datasheet HTML 11Page - Microsemi Corporation PD70100 Datasheet HTML 12Page - Microsemi Corporation PD70100 Datasheet HTML 13Page - Microsemi Corporation PD70100 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IEEE 802.3af/at PD Front End IC
Microsemi Proprietary and Confidential. PD70100/PD70200 Datasheet Revision 3.0
7
3.1.6
Power Good
During Soft Start mode, the PD70100/PD70200 IC monitors VPN
to VPN differential voltage. When
OUT
IN
this voltage is less than 0.7 V (max.), the IC enters normal operation mode and the isolation switch
current limit is increased to 1.8 A (typical). At this same 0.7 V (max.) threshold the Power Good signal is
asserted by means of an open drain MOSFET between PGOOD and VPN
.
OUT
PGOOD pin is active low; a low impedance state between PGOOD and VPN
indicates the Soft Start
OUT
mode has finished and the isolation switch has transitioned into normal operating mode.
PGOOD MOSFET can handle current of 5 mA and can be pulled up to V .
PP
3.1.7
Auxiliary Voltage Output
PD70100/PD70200 IC provides a 10.5 V (typical) regulated output to be used as a start-up supply for DC
/DC controllers whose V is provided via a bootstrap winding. This regulated supply is available at V
CC
AUX
pin, and is referenced to VPN
pin. V
supply is designed for low-duty operation, and should not be
OUT
AUX
designed as a primary housekeeping supply. The current capability is continuous 2 mA, with 10 mA peak
(≤ 10 ms). V
output is current-limited at 10 mA (min.).
AUX
For stability, the V
regulator requires a minimum of 4.7 µF ceramic capacitor connected directly
AUX
between V
and VPN
pins.
AUX
OUT
3.1.8
Thermal Protection
Both PD70100 and PD70200 IC include temperature sensors which individually monitor both the
isolation MOSFET and the Classification Current Source for over temperature conditions. In case of an
over temperature condition, the sensor will activate protection circuitry which will disconnect its
respective monitored function.
3.1.9
Bulk Capacitor Discharge
The bulk capacitor discharge circuitry eliminates the need to place a diode in series with the V line to
PP
prevent an application’s bulk capacitance from discharging through the detection resistor and the
isolation switch MOSFET’s body diode. Discharge current through the detection resistor can cause
failure of the detection signature in cases where a PD is connected and the bulk capacitance is not fully
discharged.
During normal operation, PD70100/PD70200 IC continuously monitors voltage at V to VPN . Should V
PP
IN
PP
to VPN voltage fall below isolation switch turn-off threshold (31 V to 34 V), isolation switch MOSFET is
IN
immediately placed in a high-impedance state. At this point the internal logic monitors the voltage at VPP
to VPN
. If V to VPN
voltage is between 1.5 V to 32 V, a 23 mA (min.) constant current source is
OUT
PP
OUT
connected across the V and VPN
pins. This constant current source provides bulk capacitor
PP
OUT
discharge.
A 220 µF bulk capacitance can be discharged from 32 V to 1.5 V in a maximal period of 292 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com