Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XU1009-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XU1009-BD
Description  18.0-36.0 GHz GaAs MMIC Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1009-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XU1009-BD Datasheet HTML 1Page - Mimix Broadband XU1009-BD Datasheet HTML 2Page - Mimix Broadband XU1009-BD Datasheet HTML 3Page - Mimix Broadband XU1009-BD Datasheet HTML 4Page - Mimix Broadband XU1009-BD Datasheet HTML 5Page - Mimix Broadband XU1009-BD Datasheet HTML 6Page - Mimix Broadband XU1009-BD Datasheet HTML 7Page - Mimix Broadband XU1009-BD Datasheet HTML 8Page - Mimix Broadband XU1009-BD Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page 2 of 8
Transmitter Measurements
18.0-36.0 GHz GaAs MMIC
Transmitter
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
U1009-BD
July 2007 - Rev 27-Jul-07
XU1009-BD_5samples: USB Conversion gain (dB) vs. RF USB (GHz)
IF1_ONLY = 1.84 GHz, -10dBm, LO = 0, 2 & 4 dBm
0
2
4
6
8
10
12
14
16
18
20
19
20
21
22
23
24
25
26
27
28
29
30
31
RF USB (GHz)
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R5C10
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R5C13
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R6C11
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R7C11
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R7C13
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R5C10
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R5C13
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R6C11
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R7C11
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R7C13
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R5C10
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R5C13
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R6C11
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R7C11
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R7C13
XU1009-BD_samp les: LSB Conversion gain (dB) vs. RF LSB (GHz)
IF1_ONLY = 1.84 GHz, -10dBm, LO = 0, 2 & 4 dBm
0
2
4
6
8
10
12
14
16
18
20
19
20
21
22
23
24
25
26
27
28
29
30
31
RF LSB (GHz)
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R5C10
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R5C13
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R6C11
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R7C11
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R7C13
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R5C10
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R5C13
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R6C11
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R7C11
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R7C13
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R5C10
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R5C13
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R6C11
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R7C11
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R7C13
XU1009-BD_5samples: LO to RF gain (dB) vs. LO freq (GHz)
IF1_ONLY = 1.84 GHz, -10dBm, LO = 0, 2 & 4 dBm
-40
-35
-30
-25
-20
-15
-10
-5
0
5
8
9
10
11
12
13
14
15
16
17
LO freq (GHz)
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R5C10
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R5C13
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R6C11
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R7C11
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R7C13
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R5C10
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R5C13
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R6C11
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R7C11
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R7C13
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R5C10
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R5C13
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R6C11
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R7C11
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R7C13
XU1009-BD_5samples: LOx2 to RF gain (dB) vs. LO freq (GHz)
IF1_ONLY = 1.84 GHz, -10dBm, LO = 0, 2 & 4 dBm
-30
-25
-20
-15
-10
-5
0
5
10
15
20
8
9
10
11
12
13
14
15
16
17
LO freq (GHz)
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R5C10
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R5C13
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R6C11
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R7C11
, Vg1 (V)=-0.2, LO Power (dBm)=0, RC=R7C13
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R5C10
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R5C13
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R6C11
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R7C11
, Vg1 (V)=-0.2, LO Power (dBm)=2, RC=R7C13
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R5C10
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R5C13
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R6C11
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R7C11
, Vg1 (V)=-0.2, LO Power (dBm)=4, RC=R7C13
XU1009-BD _4samples: OIP3 and IIP3 (dBm) vs. RF USB (GHz)
IF1_ONLY = -3dBm per Tone, 2 and 2.1 GHz, LO = 0, 2 & 4 dBm
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
19
20
21
22
23
24
25
26
27
28
29
30
31
RF USB (GHz)
, LO Power (dBm)=0, RC=R5C10
, LO Power (dBm)=0, RC=R5C13
, LO Power (dBm)=0, RC=R7C11
, LO Power (dBm)=0, RC=R7C13
, LO Power (dBm)=2, RC=R5C10
, LO Power (dBm)=2, RC=R5C13
, LO Power (dBm)=2, RC=R7C11
, LO Power (dBm)=2, RC=R7C13
, LO Power (dBm)=4, RC=R5C10
, LO Power (dBm)=4, RC=R5C13
, LO Power (dBm)=4, RC=R7C11
, LO Power (dBm)=4, RC=R7C13
, LO Power (dBm)=0, RC=R5C10
, LO Power (dBm)=0, RC=R5C13
, LO Power (dBm)=0, RC=R7C11
, LO Power (dBm)=0, RC=R7C13
, LO Power (dBm)=2, RC=R5C10
, LO Power (dBm)=2, RC=R5C13
, LO Power (dBm)=2, RC=R7C11
, LO Power (dBm)=2, RC=R7C13
, LO Power (dBm)=4, RC=R5C10
, LO Power (dBm)=4, RC=R5C13
, LO Power (dBm)=4, RC=R7C11
, LO Power (dBm)=4, RC=R7C13
OIP3 (dBm)
IIP3 (dBm)
XU1009-BD_4samples: OIP3 and IIP3 (dBm) vs. RF LSB (GHz)
IF1_ONLY = -3dBm per Tone, 2 and 2.1 GHz, LO = 0, 2 & 4 dBm
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
19
20
21
22
23
24
25
26
27
28
29
30
31
RF LSB (GHz)
, LO Power (dBm)=0, RC=R5C10
, LO Power (dBm)=0, RC=R5C13
, LO Power (dBm)=0, RC=R7C11
, LO Power (dBm)=0, RC=R7C13
, LO Power (dBm)=2, RC=R5C10
, LO Power (dBm)=2, RC=R5C13
, LO Power (dBm)=2, RC=R7C11
, LO Power (dBm)=2, RC=R7C13
, LO Power (dBm)=4, RC=R5C10
, LO Power (dBm)=4, RC=R5C13
, LO Power (dBm)=4, RC=R7C11
, LO Power (dBm)=4, RC=R7C13
, LO Power (dBm)=0, RC=R5C10
, LO Power (dBm)=0, RC=R5C13
, LO Power (dBm)=0, RC=R7C11
, LO Power (dBm)=0, RC=R7C13
, LO Power (dBm)=2, RC=R5C10
, LO Power (dBm)=2, RC=R5C13
, LO Power (dBm)=2, RC=R7C11
, LO Power (dBm)=2, RC=R7C13
, LO Power (dBm)=4, RC=R5C10
, LO Power (dBm)=4, RC=R5C13
, LO Power (dBm)=4, RC=R7C11
, LO Power (dBm)=4, RC=R7C13
OIP3 (dBm)
IIP3 (dBm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com