Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54526PWPR.B Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54526PWPR.B
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54526PWPR.B Datasheet HTML 6Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 7Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 8Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 9Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 10Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 11Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 12Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 13Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
7.3.6 Output Discharge Control
TPS54526 discharges the output when EN is low, or the controller is turned off by the protection functions (OVP,
UVP, UVLO and thermal shutdown). The output is discharged by an internal 50-Ω MOSFET which is connected
from VO to PGND. The internal low-side MOSFET is not turned on during the output discharge operation to
avoid the possibility of causing negative voltage at the output.
7.3.7 Current Protection
The output overcurrent protection (OCP) is implemented using a cycle-by-cycle valley detect control circuit.
The switch current is monitored by measuring the low-side FET switch voltage between the SW pin and GND.
This voltage is proportional to the switch current. To improve accuracy, the voltage sensing is temperature
compensated.
During the on-time of the high-side FET switch, the switch current increases at a linear rate determined by VIN,
VOUT, the on-time, and the output inductor value. During the on-time of the low-side FET switch, this current
decreases linearly. The average value of the switch current is the load current IOUT. If the measured voltage is
above the voltage proportional to the current limit. Then, the device constantly monitors the low-side FET switch
voltage, which is proportional to the switch current, during the low-side on-time.
The converter maintains the low-side switch on until the measured voltage is below the voltage corresponding to
the current limit at which time the switching cycle is terminated and a new switching cycle begins. In subsequent
switching cycles, the on-time is set to a fixed value and the current is monitored in the same manner.
There are some important considerations for this type of overcurrent protection. The load current one half of
the peak-to-peak inductor current higher than the overcurrent threshold. Also when the current is being limited,
the output voltage tends to fall as the demanded load current may be higher than the current available from
the converter. This may cause the output under-voltage protection circuit to be activated. When the overcurrent
condition is removed, the output voltage will return to the regulated value. This protection is non-latching.
7.3.8 Over/Under Voltage Protection
TPS54526 monitors a resistor divided feedback voltage to detect over and under voltage. When the feedback
voltage becomes higher than 125% of the target voltage, the OVP comparator output goes high and the circuit
latches as both the high-side and low-side MOSFET drivers turns off. When the feedback voltage becomes
lower than 65% of the target voltage, the UVP comparator output goes high and an internal UVP delay counter
begins. After 250 μs, the device latches off both internal top and bottom MOSFET. This function is enabled
approximately 1.7 x softstart time.
7.3.9 UVLO Protection
Undervoltage lock out protection (UVLO) monitors the voltage of the VREG5 pin. When the VREG5 voltage is lower
than UVLO threshold voltage, the TPS54526 is shut off. This is protection is non-latching.
7.3.10 Thermal Shutdown
TPS54526 monitors the temperature of itself. If the temperature exceeds the threshold value (typically 165°C),
the device is shut off. This is non-latch protection.
TPS54526
SLVSB84D – MAY 2012 – REVISED APRIL 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS54526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com