Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS55340PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS55340PWPR
Description  TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC/DC Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS55340PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS55340PWPR Datasheet HTML 9Page - Texas Instruments TPS55340PWPR Datasheet HTML 10Page - Texas Instruments TPS55340PWPR Datasheet HTML 11Page - Texas Instruments TPS55340PWPR Datasheet HTML 12Page - Texas Instruments TPS55340PWPR Datasheet HTML 13Page - Texas Instruments TPS55340PWPR Datasheet HTML 14Page - Texas Instruments TPS55340PWPR Datasheet HTML 15Page - Texas Instruments TPS55340PWPR Datasheet HTML 16Page - Texas Instruments TPS55340PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TPS55340 device can be configured in several standard switching-regulator topologies, including boost,
SEPIC, and isolated flyback. For example, the device configured in boost topology is widely used to convert a
lower dc voltage to a higher dc voltage with a maximum available switching current of 5.25 A. Use the following
design procedure to select component values for a boost converter design or SEPIC design for the TPS55340
device. Alternately, use the WEBENCH® software to generate a complete design. The WEBENCH software
uses an iterative design procedure and accesses a comprehensive database of components when generating a
design. This section presents a simplified discussion of the design process.
8.2 Typical Applications
The following section provides a step-by-step design approach for configuring the TPS55340 as a voltage
regulating boost converter, as shown in Figure 8-1. When configured as SEPIC or flyback converter, a different
design approach is required. A design example of SEPIC converter is provided in the next section.
8.2.1 Boost Converter
100 pF
Figure 8-1. Boost Converter Application Schematic
www.ti.com
TPS55340
SLVSBD4E – MAY 2012 – REVISED SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS55340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com