Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61291DRVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS61291DRVT
Description  TPS61291 Low Iq Boost Converter with Bypass Operation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61291DRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61291DRVT Datasheet HTML 3Page - Texas Instruments TPS61291DRVT Datasheet HTML 4Page - Texas Instruments TPS61291DRVT Datasheet HTML 5Page - Texas Instruments TPS61291DRVT Datasheet HTML 6Page - Texas Instruments TPS61291DRVT Datasheet HTML 7Page - Texas Instruments TPS61291DRVT Datasheet HTML 8Page - Texas Instruments TPS61291DRVT Datasheet HTML 9Page - Texas Instruments TPS61291DRVT Datasheet HTML 10Page - Texas Instruments TPS61291DRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
P
VOUT
EN/BYP
SW
Rectifying
Switch
Overvoltage
Protection
Bypass
Switch
Startup Circuit
VIN
Control Logic
Thermal Shutdown
Undervoltage
Lockout
Driver
GND
Main
Switch
Vref
integrated FB divider
network with disconnect
BYP/EN
VSEL
Bypass Switch
Control
VOUT
VIN
Current
Sense
Voltage Error
Amplifier
N
N
Reference Vref
VIN
TPS61291
www.ti.com
SLVSBX9A – SEPTEMBER 2014 – REVISED SEPTEMBER 2014
7 Detailed Description
7.1 Overview
The TPS61291 provides two operating modes: high efficiency boost mode to generate an output voltage higher
than the input voltage and bypass mode, which connects the output of the device directly to the input.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Bypass / Boost Mode Operation EN/BYP
The EN/BYP pin selects the operating mode of the device. With the EN/BYP pin pulled low, the device operates
in bypass mode. With a high level on the EN/BYP pin, the device operates as a boost converter. The EN/BYP
pin is usually controlled by an I/O pin of a MCU, powered from the output of the TPS61291 and should not be left
floating. See Figure 8. See also sections Boost Mode Operation and Bypass Mode Operation for more detailed
descriptions.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS61291



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com