Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62202DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS62202DBVT
Description  TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62202DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62202DBVT Datasheet HTML 9Page - Texas Instruments TPS62202DBVT Datasheet HTML 10Page - Texas Instruments TPS62202DBVT Datasheet HTML 11Page - Texas Instruments TPS62202DBVT Datasheet HTML 12Page - Texas Instruments TPS62202DBVT Datasheet HTML 13Page - Texas Instruments TPS62202DBVT Datasheet HTML 14Page - Texas Instruments TPS62202DBVT Datasheet HTML 15Page - Texas Instruments TPS62202DBVT Datasheet HTML 16Page - Texas Instruments TPS62202DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Vout
Vin
1
1
Vout
Vout
ESR
L
f
8
Cout
f
-
æ
ö
D
=
´
´
+
ç
÷
´
´
´
è
ø
TPS62200, TPS62201, TPS62202, TPS62203
TPS62204, TPS62205, TPS62207, TPS62208
www.ti.com
SLVS417F – MARCH 2002 – REVISED JUNE 2015
8.2.2.3 Input Capacitor Selection
Because the buck converter has a pulsating input current, a low ESR input capacitor is required. This results in
the best input voltage filtering and minimizing the interference with other circuits caused by high input voltage
spikes. Also the input capacitor must be sufficiently large to stabilize the input voltage during heavy load
transients. For good input voltage filtering, usually a 4.7-µF input capacitor is sufficient. The capacitor can be
increased without any limit for better input-voltage filtering. If ceramic output capacitors are used, the capacitor
RMS ripple current rating always meets the application requirements.
Ceramic capacitors show a good performance because of the low ESR value, and they are less sensitive against
voltage transients and spikes compared to tantalum capacitors.
Place the input capacitor as close as possible to the input pin of the device for best performance (refer to Table 3
for recommended components).
8.2.2.4 Output Capacitor Selection
The advanced fast response voltage mode control scheme of the TPS6220x allows the use of tiny ceramic
capacitors with a value of 10 µF without having large output voltage under and overshoots during heavy load
transients.
Ceramic capacitors with low ESR values have the lowest output voltage ripple and are therefore recommended.
If required, tantalum capacitors may be used as well (refer to Table 3 for recommended components).
At nominal load current the device operates in PWM mode and the overall output voltage ripple is the sum of the
voltage spike caused by the output capacitor ESR plus the voltage ripple caused by charging and discharging the
output capacitor:
where
•
the highest output voltage ripple occurs at the highest input voltage Vin.
(8)
At light load currents, the device operates in power save mode, and the output voltage ripple is independent of
the output capacitor value. The output voltage ripple is set by the internal comparator thresholds. The typical
output voltage ripple is 1% of the output voltage Vo.
Table 3. Recommended Capacitors
CAPACITOR VALUE
CASE SIZE
COMPONENT SUPPLIER
COMMENTS
4.7 µF
0805
Taiyo Yuden JMK212BY475MG
Ceramic
10 µF
0805
Taiyo Yuden JMK212BJ106MG
Ceramic
TDK C12012X5ROJ106K
Ceramic
10 µF
1206
Taiyo Yuden JMK316BJ106KL
Ceramic
TDK C3216X5ROJ106M
22 µF
1210
Taiyo Yuden JMK325BJ226MM
Ceramic
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS62200 TPS62201 TPS62202 TPS62203 TPS62204 TPS62205 TPS62207 TPS62208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com