Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRO115SL Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # PRO115SL
Description  Mechanical Bearing, Ball-Screw Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

PRO115SL Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  PRO115SL Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. PRO115SL Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. PRO115SL Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. PRO115SL Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. PRO115SL Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. PRO115SL Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. PRO115SL Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
aerotech.com
PRO115SL SPECIFICATIONS
Electrical Specifications
Drive System
Brushless Rotary Servomotor
Feedback (Rotary Encoder)(1)
Incremental – 1000 lines/rev (1 Vpp) and 2500 lines/rev (Digital RS422)
Maximum Bus Voltage
340 VDC
Limit Switches
5 V, Normally-Closed
Mechanical Specifications
PRO115SL
Travel
50
100
150
200
300
400
Accuracy(1)
Standard
±6 µm
±6 µm
±8 µm
±8 µm
±10 µm
±12 µm
Calibrated
±1 µm
±1.25 µm
±1.5 µm
±1.75 µm
±2.5 µm
±3 µm
Resolution
(Min. Incremental Motion)
0.1 µm(2); 1.0 µm(3)
Bidirectional Repeatability(1)
±1 µm
±1 µm
±1 µm
±1 µm
±1 µm
±1 µm
Hortizontal Straightness(1)
±1.5 µm
±2.5 µm
±3 µm
±4 µm
±6 µm
±8 µm
Vertical Straightness(1)
±1.5 µm
±2.5 µm
±3 µm
±4 µm
±6 µm
±8 µm
Pitch
19 µrad
29 µrad
29 µrad
39 µrad
58 µrad
78 µrad
Roll
19 µrad
29 µrad
29 µrad
39 µrad
58 µrad
78 µrad
Yaw
19 µrad
29 µrad
29 µrad
39 µrad
58 µrad
78 µrad
Maximum Speed(4)
300 mm/s
Maximum Acceleration(4)
Function of Motor, Amplifier Selection, Payload, and Maximum Axial Load
Load Capacity(5)
Horizontal
40 kg
Vertical
(Axial)
18 kg
Side
40 kg
Moving Mass
(w/Tabletop)
1.4 kg
Stage Mass
(No Motor)
4.0 kg
4.4 kg
4.8 kg
5.2 kg
6.0 kg
6.8 kg
Material
Anodized Aluminum
MTBF (Mean Time Between Failure)
20,000 Hours
Notes:
1. Certified with -PL1/PL2 options.
2. Achieved with Aerotech rotary motor with amplified sine encoder.
3. Achieved with Aerotech rotary motor with 2500 cnts/rev digital encoder.
4. Requires the selection of an appropriate amplifier with sufficient voltage and current.
5. Axis-orientation for on-axis loading is listed.
6. Specifications are for single-axis systems measured 25 mm above the tabletop. Performance of multi-axis systems is payload and workpoint dependent. Contact factory for
multi-axis applications.
7. Specifications listed are non-foldback kit options. Contact factory for specifications when a foldback kit (-FBx) is used.
Notes:
1. Requires the selection of a motor option.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com