Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QDM Datasheet(PDF) 1 Page - AUER Signal GmbH

Part # QDM
Description  LED steady/flashing beacon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUERSIGNAL [AUER Signal GmbH]
Direct Link  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

QDM Datasheet(HTML) 1 Page - AUER Signal GmbH

  QDM Datasheet HTML 1Page - AUER Signal GmbH QDM Datasheet HTML 2Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
138
Internal diffuser and special lens pattern
for optimal 360° signalling effect
• 132 mm cubic-design LED steady/flashing beacon
• Good frontal and lateral signalling effect
• up to 78 cd luminous intensity
• High degree of protection IP 66 & impact resistance IK09
• UV-stabilised material
• Modern LED technology – 4 high-power LEDs
• Steady and flashing light, can be switched externally
• For industrial and general applications
• Combinations of beacons and multi-tone alarm
sounders possible
Housing
132 mm (square), Polycarbonate red (RAL 3000)
Lens
Polycarbonate, ribbed inside orange, red, clear, blue,
green or yellow
Type of mounting
any
Cable entry
Back: Grommet 5–10 mm, optional side cable entry with
cable gland (on both sides) (accessory type AKV)
Connection technology Screw/plug-in terminal 2,5 mm²
Leakage current
0,003 A (PLC-suitable)
Beacon type
LED steady beacon or LED flashing beacon
Technical DaTa
Light source
4 High Power LEDs
Luminous intensity
78 Cd
Strobe/flash frequency 1 Hz
Duty cycle
100 %
Service life
Light source: >50.000 h
Operating temperature -30°C/+60°C
Degree of protection
IP66 & UL Type 4/4x/13
Impact resistance
IK09
Weight
500 g
QDM
Q-Series
STeaDy/fl aS h i n g b eaco n S
LED steady/flashing beacon
78 Cd


Similar Part No. - QDM

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
QDM-252-16-14-FI ADAM-TECH-QDM-252-16-14-FI Datasheet
63Kb / 1P
QUICK DISCONNECT TERMINAL FULLY INSULATED
logo
Schneider Electric
QDM22100TN SCHNEIDER-QDM22100TN Datasheet
123Kb / 2P
PowerPact Q - molded case circuit breaker - 2- pole - 25 kA - 240 V - 100 A
Sep 18, 2020
QDM22150TN SCHNEIDER-QDM22150TN Datasheet
138Kb / 2P
PowerPact Q - molded case circuit breaker - 2- pole - 25 kA - 240 V - 150 A
Sep 18, 2020
QDM22175TN SCHNEIDER-QDM22175TN Datasheet
123Kb / 2P
PowerPact Q - molded case circuit breaker - 2- pole - 25 kA - 240 V - 175 A
Sep 18, 2020
QDM22200TN SCHNEIDER-QDM22200TN Datasheet
123Kb / 2P
PowerPact Q - molded case circuit breaker - 2- pole - 25 kA - 240 V - 200 A
Sep 18, 2020
More results

Similar Description - QDM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL7-BL24-A ETC2-SL7-BL24-A Datasheet
257Kb / 3P
LED flashing light,
logo
PHOENIX CONTACT
2700102 PHOENIX-2700102 Datasheet
59Kb / 4P
Flashing beacon element, 24 V DC, green, Xenon flash tube
2700115 PHOENIX-2700115 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700118 PHOENIX-2700118 Datasheet
139Kb / 5P
LED random flashing beacon element, 24 V DC
2700124 PHOENIX-2700124 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700126 PHOENIX-2700126 Datasheet
139Kb / 5P
LED random flashing beacon element, 24 V DC
2700129 PHOENIX-2700129 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700130 PHOENIX-2700130 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
2700134 PHOENIX-2700134 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700135 PHOENIX-2700135 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com