Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB30EDGSR Datasheet(PDF) 8 Page - Texas Instruments

Part # TS3USB30EDGSR
Description  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30EDGSR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS3USB30EDGSR Datasheet HTML 4Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 5Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 6Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 7Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 8Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 9Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 10Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 11Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
6 Parameter Measurement Information
CL(2)
RL
VIN
VCC
GND
1D or 2D VOUT1
1D or 2D
D
VCC
VIN
50
Ω
RL
CL
5 pF
tON
TEST
VCC
50
Ω
5 pF
tOFF
50%
tON
tOFF
50%
90%
90%
Logic
Input
(VSEL or VOE)
1.8 V
Switch
Output
(VOUT1 or VOUT2)
0
CL(2)
RL
VOH
VOL
OE
VOUT2
VOE(1)
VSEL(1)
S
A.
All input pulses are supplied by generators having the following characteristics: PRR ≤ 10MHz, ZO = 50Ω, tr < 5ns, tf < 5ns.
B.
CL includes probe and jig capacitance.
Figure 6-1. Turn-On (tON) and Turn-Off Time (tOFF)
1D
2D
D
VOUT1
VIN
Channel OFF: 1D to D
Network Analyzer Setup
Source Power = 0dBm
(632mV P- P at 50
load)
DC Bias = 350mV
VCC
GND
Network Analyzer
Source
Signal
VSEL
+
VSEL = VCC
S
50Ω
50Ω
Ω
Figure 6-2. OFF Isolation (OISO)
1D
2D
VOUT1
VIN
Channel ON: 1D to D
Network Analyzer Setup
Source Power = 0dBm
(632mV P-P at 50 load)
DC Bias = 350mV
VCC
GND
VOUT2
Source
Signal
Channel OFF: 2D to D
Network Analyzer
VSEL
+
VSEL = VCC
S
50Ω
50Ω
50Ω
Ω
D
Figure 6-3. Crosstalk (XTALK)
TS3USB30E
SCDS255G – DECEMBER 2008 – REVISED OCTOBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TS3USB30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com