Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5V330CPWR.B Datasheet(PDF) 10 Page - Texas Instruments

Part # TS5V330CPWR.B
Description  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V330CPWR.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS5V330CPWR.B Datasheet HTML 6Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 7Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 8Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 9Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 10Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 11Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 12Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 13Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Ω
TS5V330C
SCDS276B – APRIL 2009 – REVISED DECEMBER 2009
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 7. Test Circuit for Frequency Response, Crosstalk, and OFF-Isolation
The frequency response is measured at the output of the ON channel. For example, when VIN = 0, VEN = 0, and
DA is the input, the output is measured at S1A. All unused analog I/O ports are held at VCC or GND.
The crosstalk is measured at the output of the non-adjacent ON channel. For example, when VIN = 0, VEN = 0,
and DA is the input, the output is measured at S1B. All unused analog I/O ports are held at VCC or GND.
The off-isolation is measured at the output of the OFF channel. For example, when VIN = 0, VEN = VCC, and DA is
the input, the output is measured at S1A. All unused analog I/O ports are held at VCC or GND.
HP8753ES Setup
Average = 4
RBW = 3 kHz
Smoothing = 0%
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS5V330C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com