Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2003 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 4 Page - Texas Instruments

  TSC2003_V01 Datasheet HTML 1Page - Texas Instruments TSC2003_V01 Datasheet HTML 2Page - Texas Instruments TSC2003_V01 Datasheet HTML 3Page - Texas Instruments TSC2003_V01 Datasheet HTML 4Page - Texas Instruments TSC2003_V01 Datasheet HTML 5Page - Texas Instruments TSC2003_V01 Datasheet HTML 6Page - Texas Instruments TSC2003_V01 Datasheet HTML 7Page - Texas Instruments TSC2003_V01 Datasheet HTML 8Page - Texas Instruments TSC2003_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TSC2003
4
SBAS162G
www.ti.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER-SUPPLY REQUIREMENTS
+VDD
Specified Performance
2.7
3.6
V
Operating Range
2.5
5.25
V
Quiescent Current
Internal Reference OFF,
PD1 = PD0 = 0
High-Speed Mode: SCL = 3.4MHz
254
650
µA
Fast Mode: SCL = 400kHz
95
µA
Standard Mode: SCL = 100kHz
63
µA
Internal Reference ON, PD0 = 0
1005
µA
Power-Down Current when Part is
Internal Reference OFF,
Not Addressed
PD1 = PD0 = 0
High-Speed Mode: SCL = 3.4MHz
90
µA
Fast Mode: SCL = 400kHz
21
µA
Standard Mode: SCL = 100kHz
4
µA
PD1 = PD0 = 0, SDA = SCL = +VDD
3
µA
Power Dissipation
+VDD = +2.7V
1.8
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
°C
NOTES: (1) LSB means Least Significant Bit. With VREF equal to +2.5V, one LSB is 610µV. (2) Ensured by design, but not tested. Exceeding 50mA source current may
result in device degradation. (3) Difference between TEMP0 and TEMP1 measurement. No calibration necessary. (4) Temperature drift is –2.1mV/
°C.
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = –40°C to +85°C, +VDD = +2.7V, VREF = 2.5V external voltage, I2C bus frequency = 3.4MHz, 12-bit mode and digital inputs = GND or +VDD, unless
otherwise noted.
TSC2003I
TIMING DIAGRAM
t
rCL
t
BUF
t
LOW
t
fCL
t
HD; STA
t
SP
t
rCL1
t
HD; STA
t
SU; STA
t
HD; DAT
t
SU; DAT
t
HIGH
t
SU; STO
SCL
SDA
t
fDA
t
rDA
START
REPEATED
START
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com