Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004IRTJT Datasheet(PDF) 22 Page - Texas Instruments

Part # TSC2004IRTJT
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004IRTJT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TSC2004IRTJT Datasheet HTML 18Page - Texas Instruments TSC2004IRTJT Datasheet HTML 19Page - Texas Instruments TSC2004IRTJT Datasheet HTML 20Page - Texas Instruments TSC2004IRTJT Datasheet HTML 21Page - Texas Instruments TSC2004IRTJT Datasheet HTML 22Page - Texas Instruments TSC2004IRTJT Datasheet HTML 23Page - Texas Instruments TSC2004IRTJT Datasheet HTML 24Page - Texas Instruments TSC2004IRTJT Datasheet HTML 25Page - Texas Instruments TSC2004IRTJT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
www.ti.com
N Acquired
Data
W
N
N m asu
e
rementsinput
intotemporaryarray
Sortby
descendingorder
Averagingoutp t
u
fromwindowW
N
M=1
M>1andW=1
M
N
Median value
fromarrayM
N
M>1andW>1
Averagingoutp t
u
fromwindowW
M
W
Zone Detection
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
NOTE: The default setting for MAVF is MVF (median value filter with averaging bypassed) for any invalid
configuration. For example, if (M1, M0, W1, W0) = (1,0,1,0), the MAVF performs as it was configured for
(1,0,0,0), median filter only with filter size = 7 and no averaging. The only exception is M > 1 and (W1, W0) =
(1,1). This setting is reserved and should not be used.
Table 3. Combined MAV Filter Setting
M
W
INTERPRETATION
N =
OUTPUT
= 1
= 1
Bypass both MAF and AVF
W
The converted result
= 1
> 1
Bypass MVF only
W
Average of W converted results
> 1
= 1
Bypass AVF only
M
Median of M converted results
Average of middle W of M converted results with the median
> 1
> 1
M > W
M
counted twice
The MAV filter is available for all analog inputs including the touch screen inputs, temperature measurements
TEMP1 and TEMP2, and the AUX measurement.
Figure 31. MAV Filter Operation (patent pending)
The Zone Detection unit is capable of screening all processed data from the MAVF and retaining only the data of
interest (data that fit the prerequisite). This unit can be programmed to send an alert if a predefined condition set
by two threshold value registers is met. Three different zones may be set:
1. Above the upper limit (X
≥ Threshold High)
2. Between the two thresholds (Threshold Low < X < Threshold High)
3. Below the lower limit (X
≤ Threshold Low)
The AUX and temperatures TEMP1 and TEMP2 have separate threshold value registers that can be enabled or
disabled. This function is not available to the touch screen inputs. Once the preset condition is met, the DAV
output to the PINTDAV pin is pulled low and the corresponding DAV bit is set.
22
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com